전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2520CT 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SB2520CT
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2520CT 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SB2520CT_16 Datasheet HTML 1Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 2Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 3Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
October 28,2016-REV.05
SB2520CT SERIES
Fig.1- FORWARD CURRENT DERATING CURVE
RATING AND CHARACTERISTIC CURVES
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
0
50
100
150
25
20
15
10
5
0
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
CASE TEMPERATURE, C
O
NO. OF CYCLE AT 60Hz
8.3ms Single
Half Sine-Wave
JEDEC Method
Fig.3- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020
4060
80
100
T =100 C
J
O
T=75 C
J
O
T=25 C
J
O
10
1.0
0.1
0.01
0.001
20
-30V
40
-60V
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
20-45V
50-60V
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1% Duty Cycle
Pulse Width=300 s
m
TJ=25
OC
INSTANTANEOUS FORWARD VOLTAGE
,VOLTS


유사한 부품 번호 - SB2520CT_16

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB2520CT PANJIT-SB2520CT_10 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB2520CT_16

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com