전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2540CT-AU 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SB2540CT-AU
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2540CT-AU 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SB2540CT-AU_16 Datasheet HTML 1Page - Pan Jit International Inc. SB2540CT-AU_16 Datasheet HTML 2Page - Pan Jit International Inc. SB2540CT-AU_16 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
October 28,2016-REV.04
SB2540CT-AU
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• Acquire quality system certificate : TS16949
• Manufactured in accordance with AECQ101
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
40 Volt
CURRENT
25 Ampere
MECHANCEAL DATA
• Case: TO-220AB Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B OL
VA L UE
UNITS
Ma xi mum Re c ur re nt P e a k Re ve r s e Vo lt a g e
V
RRM
40
V
Ma xi mum RM S Vo lt a g e
V
RM S
28
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
40
V
M a xi m um A vera ge F o r wa rd C urr ent
I
F(AV )
25
A
P e ak Fo r wa r d S urg e Cur r e nt : 8.3m s s i ng le ha lf s i ne - wave
sup e r i m p os e d on r a t ed lo a d
I
FS M
200
A
M a xi m um F o rw ar d Vo lta ge at 12. 5A per le g
V
F
0. 55
V
M a xi m um DC Re ve r s e Cur re nt at R a t e d DC B loc k i ng
Vo lt a g e
T
J =2 5
O C
T
J =1 0 0
O C
I
R
0. 2
100
mA
Typ i ca l The r m a l Re si st a nce
R
θJC
2
O C / W
Oper at i ng Junc t i on Te m p era tur e Ra ng e
T
J
- 55 t o + 1 5 0
OC
S t or age Te m p e rat ure R a ng e
T
STG
- 55 t o + 1 5 0
C


유사한 부품 번호 - SB2540CT-AU_16

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB2540CT-AU_T0_000A1 PANJIT-SB2540CT-AU_T0_000A1 Datasheet
182Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SB2540CT-AU_T0_100A1 PANJIT-SB2540CT-AU_T0_100A1 Datasheet
182Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB2540CT-AU_16

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com