전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-U77-A111X-X0LX 데이터시트(PDF) 4 Page - Amphenol Corporation

부품명 P-U77-A111X-X0LX
상세설명  d-sub technical data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-A111X-X0LX 데이터시트(HTML) 4 Page - Amphenol Corporation

  P-U77-A111X-X0LX Datasheet HTML 1Page - Amphenol Corporation P-U77-A111X-X0LX Datasheet HTML 2Page - Amphenol Corporation P-U77-A111X-X0LX Datasheet HTML 3Page - Amphenol Corporation P-U77-A111X-X0LX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11.93
0
5.68
8.58
14.25
2.33
7.13
11.08
(SEE NOTE 1)
BSC
NOTES:
DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER.
1.
PADS AND VIAS ARE CHASSIS GROUND, 11 PLACES.
2.
THRU-HOLES PLATING OPTIONAL.
3.
SEE DRAWING P-U75-A20-X000X FOR CONNECTOR LAYOUT.
4.
C
B
C
D
12
A
3
2
1
4
B
A
56
TITLE
P-U77-A111X-X0LX
X
X
X
FEB14/11
FEB14/11
X
X
X
J.SI
A.CHAN
03554
CODE IDENT. NO.
PROPOSAL
2:1
A
4 OF 4
DESIGNED
N/A
MATERIAL AND FINISH
X
A
0.15
REVISIONS
REV.
X.XX
DESCRIPTION
DECIMALS
ANGLES
1
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
APPROVALS
DATE
DIMENSIONS ARE IN MILLIMETERS
WITH SOLDER PINS
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
REF.
Amphenol Canada Corp.
SFP SINGLE CAGE
UNLESS OTHERWISE SPECIFIED
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
ECN
APPROVED
DATE
X.X 0.25
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
FEB14/11
0.95
0.85
HOLE SIZES
1.55
1.05
(TRACES ALLOWED)
COMPONENTS KEEP-OUT
THIS AREA DENOTES
(SEE NOTE 4)
(EXCEPT CHASSIS GROUND)
(SCALE 3:1)
(ONE SIDE CAGE MOUNTING)
RECOMMENDED SFP HOST BOARD LAYOUT
- F -
(10 HOLES. SEE NOTE 2)
TRACE KEEP-OUT
DENOTES COMPONENT AND
CROSS-HATCHED AREA
X
S
A
Y
X
S
0.10
(9 HOLES. SEE NOTE 3)
S
A
X
L
0.10
0.10 L
X
Y
(SEE NOTE 2)
±0.05
0.85
±0.05
0.95
(SEE NOTE 2)
(11 PLCS)
2.00
2.00 (11 PLCS)
1.05±0.05


유사한 부품 번호 - P-U77-A111X-X0LX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-U77-A111X-XXOX AMPHENOL-P-U77-A111X-XXOX Datasheet
306Kb / 4P
   d-sub technical data
More results

유사한 설명 - P-U77-A111X-X0LX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com