전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD22205L 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD22205L
상세설명  8-V P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD22205L 데이터시트(HTML) 3 Page - Texas Instruments

  CSD22205L Datasheet HTML 1Page - Texas Instruments CSD22205L Datasheet HTML 2Page - Texas Instruments CSD22205L Datasheet HTML 3Page - Texas Instruments CSD22205L Datasheet HTML 4Page - Texas Instruments CSD22205L Datasheet HTML 5Page - Texas Instruments CSD22205L Datasheet HTML 6Page - Texas Instruments CSD22205L Datasheet HTML 7Page - Texas Instruments CSD22205L Datasheet HTML 8Page - Texas Instruments CSD22205L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
CSD22205L
www.ti.com
SLPS690 – MAY 2017
Product Folder Links: CSD22205L
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = –250 μA
–8
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = –6.4 V
–100
nA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = –6 V
–100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = –250 μA
–0.4
–0.7
–1.05
V
RDS(on)
Drain-to-source on resistance
VGS = –1.5 V, ID = –0.2 A
30
m
VGS = –1.8 V, ID = –1 A
20
40
VGS = –2.5 V, ID = –1 A
11.5
15.0
VGS = –4.5 V, ID = –1 A
8.2
9.9
gfs
Transconductance
VDS = –0.8 V, ID = –1 A
10.4
S
DYNAMIC CHARACTERISTICS
CISS
Input capacitance
VGS = 0 V, VDS = –4 V, ƒ = 1 MHz
1070
1390
pF
COSS
Output capacitance
560
730
pF
CRSS
Reverse transfer capacitance
190
250
pF
RG
Series gate resistance
30
Ω
Qg
Gate charge total (–4.5 V)
VDS = –4 V, ID = –1 A
6.5
8.5
nC
Qgd
Gate charge gate-to-drain
1.0
nC
Qgs
Gate charge gate-to-source
1.2
nC
Qg(th)
Gate charge at Vth
0.7
nC
QOSS
Output charge
VDS = –4 V, VGS = 0 V
4.1
nC
td(on)
Turnon delay time
VDS = –4 V, VGS = –4.5 V,
ID = –1 A , RG = 0 Ω
30
µs
tr
Rise time
14
µs
td(off)
Turnoff delay time
70
µs
tf
Fall time
32
µs
DIODE CHARACTERISTICS
VSD
Diode forward voltage
IS = –1 A, VGS = 0 V
–0.68
–1.0
V
Qrr
Reverse recovery charge
VDS= –4 V, IF = –1 A,
di/dt = 200 A/μs
16
nC
trr
Reverse recovery time
38
ns
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
75
°C/W
Junction-to-ambient thermal resistance(2)
225


유사한 부품 번호 - CSD22205L

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204WT TI1-CSD22204WT Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD22205L

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
[Old version datasheet]   CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com