전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7607BSTZ-RL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7607BSTZ-RL
상세설명  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ-RL 데이터시트(HTML) 4 Page - Analog Devices

  AD7607BSTZ-RL Datasheet HTML 1Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 2Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 3Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 4Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 5Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
AD7607
Rev. C | Page 3 of 32
GENERAL DESCRIPTION
The AD76071 is a 14-bit, simultaneous sampling, analog-to-
digital data acquisition system (DAS). The part contains analog
input clamp protection; a second-order antialiasing filter; a track-
and-hold amplifier; a 14-bit charge redistribution, successive
approximation analog-to-digital converter (ADC); a flexible
digital filter; a 2.5 V reference and reference buffer; and high
speed serial and parallel interfaces.
The AD7607 operates from a single 5 V supply and can accom-
modate ±10 V and ±5 V true bipolar input signals while sampling
at throughput rates of up to 200 kSPS for all channels. The input
clamp protection circuitry can tolerate voltages of up to ±16.5 V.
The AD7607 has 1 MΩ analog input impedance, regardless of
sampling frequency. The single supply operation, on-chip
filtering, and high input impedance eliminate the need for
driver op amps and external bipolar supplies. The AD7607
antialiasing filter has a 3 dB cutoff frequency of 22 kHz and
provides 40 dB antialias rejection when sampling at 200 kSPS.
The flexible digital filter is pin driven and can be used to
simplify external filtering.
1
Protected by US Patent Number 8,072,360 B2.


유사한 부품 번호 - AD7607BSTZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
More results

유사한 설명 - AD7607BSTZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com