전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7985BCPZ-RL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7985BCPZ-RL7
상세설명  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ-RL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7985BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7985
Data Sheet
Rev. C | Page 8 of 28
Pin No.
Mnemonic
Type1
Description
19
BVDD
P
Reference Buffer Power. Nominally at 5.0 V. If an external reference buffer is used to achieve the maximum
SNR performance with a 5 V reference, the reference buffer must be powered down by connecting the
REFIN pin to ground. The external reference buffer must be connected to the BVDD pin.
20
REFIN
AI/O
Internal Reference Output/Reference Buffer Input.
When PDREF is low, the internal band gap reference produces a 1.2 V (typical) voltage on this pin,
which needs external decoupling (0.1 µF typical).
When PDREF is high, use an external reference to provide 1.2 V (typical) to this pin.
When PDREF is high and REFIN is low, the on-chip reference buffer and the band gap reference are
powered down. An external reference must be connected to REF and BVDD.
21
Exposed Pad
EP
The exposed pad is not connected internally. For increased reliability of the solder joints, it is
recommended that the pad be soldered to the system ground plane.
1
AI = analog input, AI/O = bidirectional analog, DI = digital input, DO = digital output, and P = power.


유사한 부품 번호 - AD7985BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7985BCPZ-RL7 AD-AD7985BCPZ-RL7 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

유사한 설명 - AD7985BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com