전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM12G45A 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 SM12G45A
상세설명  TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM12G45A 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  SM12G45A Datasheet HTML 1Page - Toshiba Semiconductor SM12G45A Datasheet HTML 2Page - Toshiba Semiconductor SM12G45A Datasheet HTML 3Page - Toshiba Semiconductor SM12G45A Datasheet HTML 4Page - Toshiba Semiconductor SM12G45A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM12G45,SM12J45,SM12G45A,SM12J45A
2001-07-13
2
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State Current
IDRM
VDRM=Rated, Tj = 125°C
2
mA
I
T2 (+) , Gate (+)
2
II
T2 (+) , Gate (−)
2
III
T2 (−) , Gate (−)
2
SM12G45
SM12J45
IV
T2 (−) , Gate (+)
I
T2 (+) , Gate (+)
1.5
II
T2 (+) , Gate (−)
1.5
III
T2 (−) , Gate (−)
1.5
Gate Trigger
Voltage
SM12G45A
SM12J45A
IV
VGT
VD = 12V,
RL = 20Ω
T2 (−) , Gate (+)
V
I
T2 (+) , Gate (+)
30
II
T2 (+) , Gate (−)
30
III
T2 (−) , Gate (−)
30
SM12G45
SM12J45
IV
T2 (−) , Gate (+)
I
T2 (+) , Gate (+)
20
II
T2 (+) , Gate (−)
20
III
T2 (−) , Gate (−)
20
Gate Trigger
Current
SM12G45A
SM12J45A
IV
IGT
VD = 12V,
RL = 20Ω
T2 (−) , Gate (+)
mA
Peak On−State Voltage
VTM
ITM = 17A
1.5
V
Gate Non−Trigger Voltage
VGD
VD = Rated, Tc = 125°C
0.2
V
Holding Current
IH
VD = 12V, ITM = 1A
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, AC
1.8
°C / W
SM12G45
SM12J45
10
Critical Rate of Rise of
Off−State Voltage at
Commutation
SM12G45A
SM12J45A
(dv / dt) c
VDRM = 400V
(di / dt) c = − 6.5A / ms
4
V / µs
MARKING
NUMBER
SYMBOL
MARK
SM12G45, SM12G45A
M12G45
*1
SM12J45, SM12J45A
M12J45
*2
TYPE
SM12G45A, SM12J45A
A
*3
Example
8A : January 1998
8B : February 1998
8L : December 1998


유사한 부품 번호 - SM12G45A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SM12G48 TOSHIBA-SM12G48 Datasheet
206Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM12G48A TOSHIBA-SM12G48A Datasheet
206Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

유사한 설명 - SM12G45A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SM8LZ47 TOSHIBA-SM8LZ47 Datasheet
214Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6JZ47 TOSHIBA-SM6JZ47 Datasheet
235Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6J45 TOSHIBA-SM6J45 Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47 TOSHIBA-SM3GZ47 Datasheet
212Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM25JZ51 TOSHIBA-SM25JZ51 Datasheet
199Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR ILICON PLANAR TYPE
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF3N80 FAIRCHILD-FKPF3N80 Datasheet
143Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF5N80 FAIRCHILD-FKPF5N80 Datasheet
158Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com