전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC15461 데이터시트(PDF) 2 Page - Cree, Inc

부품명 FC15461
상세설명  Florentina series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

FC15461 데이터시트(HTML) 2 Page - Cree, Inc

  FC15461 Datasheet HTML 1Page - Cree, Inc FC15461 Datasheet HTML 2Page - Cree, Inc FC15461 Datasheet HTML 3Page - Cree, Inc FC15461 Datasheet HTML 4Page - Cree, Inc FC15461 Datasheet HTML 5Page - Cree, Inc FC15461 Datasheet HTML 6Page - Cree, Inc FC15461 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/3
SIZE
A3
DRAWING TITLE
FLORENTINA-2X2 OPEN assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Assembly:
1. Attach lenses by pressing them down until they snap into place.
2. Screw the holder (with lenses assembled) to PCB. Inspect that the positioning
pins are securely in their holes.
3. Press the shade down on the holder until they are securely attached.
Optional side attachment: The holder can also be attached with DIN 7985 M3 nuts
1. One nut per side for rotational attachment
2. Two per side for fixed beam direction
Recommendations:
Screw type DIN 7985 M3, max. torque 0.6Nm
INDEX PART NO
DESCRIPTION
MATERIAL
COLOUR
1
C15196
FLORENTINA-2X2-SHD-OPEN
PC
black
2
ROSE-series lens
PC
clear
3
C14735
FLORENTINA-2X2-HLD
PC
black
3 .
3
4 0
2 0
PCB
4 0
9 2 . 1 4
4 . 2 7
6 7
LED middle position
1
2
3
Optional attachment 1
Optional attachment 2


유사한 부품 번호 - FC15461

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FC15464 CREE-FC15464 Datasheet
770Kb / 7P
   Florentina series
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15467 CREE-FC15467 Datasheet
767Kb / 7P
   Florentina series
More results

유사한 설명 - FC15461

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
   Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
   Florentina series
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
   Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
   Florentina series
FC15718 CREE-FC15718 Datasheet
1Mb / 15P
   Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
   Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
   Florentina series
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com