전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLPH16912 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74GTLPH16912
상세설명  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16912 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74GTLPH16912 Datasheet HTML 6Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 7Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 8Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 9Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 10Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 11Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 12Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 13Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN74GTLPH16912
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES288C – OCTOBER 1999 – REVISED JULY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISTRIBUTED-LOAD BACKPLANE SWITCHING CHARACTERISTICS
The preceding switching characteristics table shows the switching characteristics of the device into a lumped load
(Figure 1). However, the designer’s backplane application probably is a distributed load. The physical representation
is shown in Figure 2. This backplane, or distributed load, can be approximated closely to a resistor inductance
capacitance (RLC) circuit, as shown in Figure 3. This device has been designed for optimum performance in this RLC
circuit. The following switching characteristics table shows the switching characteristics of the device into the RLC
load, to help the designer better understand the performance of the GTLP device in this typical backplane. See
www.ti.com/sc/gtlp for more information.
Drvr
1.5 V
.25”
2”
1”
1”
1.5 V
1”
1”
2”
.25”
Rcvr
Rcvr
Rcvr
Figure 2. Medium-Drive Test Backplane
Slot 1
Slot 2
Slot 9
Slot 10
Conn.
Conn.
Conn.
Conn.
ZO = 70 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 9 pF
19
LL = 19 nH
Figure 3. Medium-Drive RLC Network
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP†
UNIT
tPLH
A
B
4.5
ns
tPHL
A
B
4.5
ns
tPLH
LEAB
B
4.7
ns
tPHL
LEAB
B
4.7
ns
tPLH
CLKAB
B
4.7
ns
tPHL
CLKAB
B
4.7
ns
ten
OEAB
B
4.8
ns
tdis
OEAB
B
4.4
ns
tr
Rise time, B outputs (20% to 80%)
1.2
ns
tf
Fall time, B outputs (80% to 20%)
2.5
ns
† All typical values are at VCC = 3.3 V, TA = 25°C. All values are derived from TI-SPICE models.


유사한 부품 번호 - SN74GTLPH16912

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

유사한 설명 - SN74GTLPH16912

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com