전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC2T45DCTR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVC2T45DCTR
상세설명  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T45DCTR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AVC2T45DCTR Datasheet HTML 1Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 2Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 3Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 4Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 5Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 6Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 7Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 8Page - Texas Instruments SN74AVC2T45DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74AVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES531F – DECEMBER 2003 – REVISED MAY 2005
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
VCCO
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
– 0.2 V
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.25
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
DIR
II
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025 ±0.25
±1
µA
input
A port
0 V
0 to 3.6 V
±0.1
±1
±5
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 to 3.6 V
0 V
±0.1
±1
±5
A or B
IOZ
VO = VCCO or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.5
±2.5
±5
µA
ports
1.2 V to 3.6 V
1.2 V to 3.6 V
10
VI = VCCI or
ICCA
IO = 0
0 V
3.6 V
–2
µA
GND,
3.6 V
0 V
10
1.2 V to 3.6 V
1.2 V to 3.6 V
10
VI = VCCI or
ICCB
IO = 0
0 V
3.6 V
10
µA
GND,
3.6 V
0 V
–2
VI = VCCI or
ICCA + ICCB
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
µA
GND,
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
inputs
A or B
Cio
VO = 3.3 V or GND
3.3 V
3.3 V
6
pF
ports
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
5


유사한 부품 번호 - SN74AVC2T45DCTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC2T45DCTR TI-SN74AVC2T45DCTR Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTR TI-SN74AVC2T45DCTR Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTR TI1-SN74AVC2T45DCTR Datasheet
981Kb / 29P
[Old version datasheet]   2-Supply, Bus Transceiver
SN74AVC2T45DCTRE4 TI-SN74AVC2T45DCTRE4 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTRE4 TI-SN74AVC2T45DCTRE4 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - SN74AVC2T45DCTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com