전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM3J09FU 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 SSM3J09FU
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J09FU 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  SSM3J09FU Datasheet HTML 1Page - Toshiba Semiconductor SSM3J09FU Datasheet HTML 2Page - Toshiba Semiconductor SSM3J09FU Datasheet HTML 3Page - Toshiba Semiconductor SSM3J09FU Datasheet HTML 4Page - Toshiba Semiconductor SSM3J09FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3J09FU
2002-01-16
4
Ambient temperature Ta (°C)
Vth – Ta
Drain-Source voltage VDS (V)
IDR – VDS
Drain-Source voltage VDS (V)
C – VDS
Drain current ID (mA)
t – ID
Ambient temperature Ta (°C)
PD – Ta
-400
-200
0
0
0.4
1
1.4
-100
-300
-500
Common Source
VGS = 0
Ta
= 25°C
0.2
0.6
0.8
1.2
S
G
IDR
D
Mounted on FR4 board
(25.4 mm
´ 25.4 mm ´1.6 t
Cu pad: 0.6 mm
2
´ 3) Figure 1
0
50
100
0
160
100
60
20
80
40
120
150
200
140
1
10
-0.1
-1
100
-10
-100
500
Common Source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Coss
Crss
Ciss
10
100
-1
-10
1000
-100
-1000
5000
Common Source
VDD = -5 V
VGS = 0~-4 V
Ta
= 25°C
toff
tf
ton
tr
-2
-1.8
-1.2
-0.8
-0.4
0
-25
0
25
75
100
150
-1.6
-1.4
-1
-0.6
-0.2
Common Source
ID = -0.1 mA
VDS = -5 V
50
125


유사한 부품 번호 - SSM3J09FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM3J01F TOSHIBA-SSM3J01F Datasheet
614Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications
logo
VBsemi Electronics Co.,...
SSM3J01F VBSEMI-SSM3J01F Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3J01T VBSEMI-SSM3J01T Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SSM3J09FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com