전자부품 데이터시트 검색엔진 |
|
CS1808MRX7RABN103 데이터시트(PDF) 10 Page - YAGEO Corporation |
|
CS1808MRX7RABN103 데이터시트(HTML) 10 Page - YAGEO Corporation |
10 / 19 page 10 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 CAP. 1206 1210 16V 25V 50V 100V 200/250V 500V 630V 1000V 2000V 16V 25V 50V 100V 250V 500V 630V 1000V 2000V 100 pF 150 pF 220 pF FB FB FB FB FB FD FD FD FD 330 pF FB FB FB FB FB FD FD FD FD 470 pF FB FB FB FB FB FD FD FD FD GD GD 680 pF FB FB FB FB FB FD FD FD FD GD GD 1.0 nF FB FB FB FB FB FD FD FD FD GD GD 1.5 nF FB FB FB FB FB FD FD FD FD GD GD 2.2 nF FB FB FB FB FB FD FD FD GA GA GA GA GA GD GE 3.3 nF FB FB FB FB FB FD FD FD GA GA GA GA GA GD GD GD 4.7 nF FB FB FB FB FB FD FD FD GA GA GA GA GA GD GD GD 6.8 nF FB FB FB FB FB FD FD FD GA GA GA GA GA GD GD GD 10 nF FB FB FB FB FB FD FD FD GA GA GA GA GA GD GD GD 15 nF FB FB FB FB FB FD FD GA GA GA GA GA GD GD GD 22 nF FB FB FB FB FD FD FE GA GA GA GA GD GD GE GE 33 nF FB FB FB FB FD FE FE GA GA GA GA GD GD 47 nF FB FB FB FB FD GA GA GA GA GD GD 68 nF FB FB FB FD FD GA GA GA GA GD 100 nF FB FB FB FD FE GA GA GA GA GD 150 nF FB FB FC FD GA GA GB GD GD 220 nF FB FB FC FD GA GA GB GD GD 330 nF FE FE FE FF GA GA GB GD 470 nF FE FE FE FF GB GB GD GD 680 nF FC FC FF FF GB GB GD GF 1000 nF FC FC FF FF GD GD GD GF 2.2 µF FC FC FF GG GG GG GG 4.7 µF GG GG GG 10 µF FF FF GG GG GG 22 µF GG Tape width 8 mm NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For product with 5% tolerance, please contact local sales force before ordering Table 8 X7R / 1206 to 1210 CAPACITANCE RANGE & THICKNESS |
유사한 부품 번호 - CS1808MRX7RABN103 |
|
유사한 설명 - CS1808MRX7RABN103 |