전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA12792 데이터시트(PDF) 2 Page - Cree, Inc

부품명 FCA12792
상세설명  Iris series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

FCA12792 데이터시트(HTML) 2 Page - Cree, Inc

  FCA12792 Datasheet HTML 1Page - Cree, Inc FCA12792 Datasheet HTML 2Page - Cree, Inc FCA12792 Datasheet HTML 3Page - Cree, Inc FCA12792 Datasheet HTML 4Page - Cree, Inc FCA12792 Datasheet HTML 5Page - Cree, Inc FCA12792 Datasheet HTML 6Page - Cree, Inc FCA12792 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
0%
25%
50%
75%
100%
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
Relative intensity of FCA12792_IRIS-M & FCN12790_IRIS-M-XPE


유사한 부품 번호 - FCA12792

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FCA12792 LEDIL-FCA12792 Datasheet
4Mb / 5P
   ~25째 medium beam optimized for CREE XP-E.
More results

유사한 설명 - FCA12792

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FCA12776 CREE-FCA12776 Datasheet
573Kb / 10P
   Iris series
CN11770 CREE-CN11770 Datasheet
358Kb / 8P
   Iris series
FCA12077 CREE-FCA12077 Datasheet
1Mb / 37P
   Iris series
FCN12775 CREE-FCN12775 Datasheet
607Kb / 10P
   Iris series
CN10861 CREE-CN10861 Datasheet
794Kb / 16P
   Iris series
CN11771 CREE-CN11771 Datasheet
500Kb / 8P
   Iris series
CN11772 CREE-CN11772 Datasheet
323Kb / 7P
   Iris series
FCN12790 CREE-FCN12790 Datasheet
572Kb / 9P
   Iris series
FCA12104 CREE-FCA12104 Datasheet
544Kb / 10P
   Iris series
FCA12777 CREE-FCA12777 Datasheet
561Kb / 10P
   Iris series
CN11470 CREE-CN11470 Datasheet
363Kb / 7P
   Iris series
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com