전자부품 데이터시트 검색엔진 |
|
TDA3681JR 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
TDA3681JR 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 28 page 2002 Apr 10 5 Philips Semiconductors Product specification Multiple voltage regulator with switch and ignition buffer TDA3681 handbook, full pagewidth MGU353 REGULATOR 2 REGULATOR 4 REGULATOR 1 16 13 4 + TEMPERATURE LOAD DUMP PROTECTION 14 8 6 20 7 5 10 POWER SWITCH BACKUP SWITCH BACKUP CONTROL & & & & OR GND (14.4 V) TDA3681TH RES REG2 REG4 REG1 (14 V/ 3 A) (14 V/ 100 mA) (5 V/ 300 mA) (3.3 V/ 1 A) (8.5 V/ 600 mA) SW VP1 ENSW EN4 11 HEATTAB n.c. n.c. 15 18 VP2 EN1/3 CRES BU HOLD 9 17 IGNITION BUFFER 2 IGNOUT IGNIN 3 1 REGULATOR 3 & REG3 (5 V/ 1400 mA) 19 12 Fig.2 Block diagram of TDA3681TH. |
유사한 부품 번호 - TDA3681JR |
|
유사한 설명 - TDA3681JR |