전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1170 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE1170
상세설명  Integrated Circuit Dual Preamp for Car Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1170 데이터시트(HTML) 1 Page - NTE Electronics

  NTE1170 Datasheet HTML 1Page - NTE Electronics NTE1170 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1170
Integrated Circuit
Dual Preamp for Car Radio
Features:
D Fewer Peripheral Parts
D Low Noise
D 8–Lead SIP Type Package
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PDmax
200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operation Condition: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, VCC
9V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
10k
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Charactersitics: (TA = +25°C, VCC = 9V, RL = 10kΩ, Rg = 600Ω, f = 1kHz, NAB)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Dissipation
ICC
4
6
mA
closed looped
35
Voltage Gain
VG
open looped, VO = 0.77V
76
80
dB
Output Voltage
VO
THD = 1%
1.1
1.8
V
Total Harmonic Distortion
THD
VO = 0.5V
0.1
0.3
%
Input Resistance
ri
70K
100K
Noise Voltage Converted to Input
VNI
Rg = 2.2kΩ
1.25
2.0
uV
Cross Talk
CT
–50
–65
dB


유사한 부품 번호 - NTE1170

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE117 NTE-NTE117 Datasheet
17Kb / 1P
   General Purpose Silicon Rectifier
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE1172 NTE-NTE1172 Datasheet
29Kb / 3P
   Integrated Circuit Phase-Frequency Detector
NTE1174 NTE-NTE1174 Datasheet
75Kb / 3P
   Integrated Circuit TV Automatic Fine Tuning (AFT) Circuit
NTE1177 NTE-NTE1177 Datasheet
25Kb / 2P
   Integrated Circuit TV Luminance Processor
More results

유사한 설명 - NTE1170

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
   Integrated Circuit Dual Preamp
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
   Integrated Circuit Power Amplifier for Car Radio, 19W
NTE1651 NTE-NTE1651 Datasheet
24Kb / 3P
   Integrated Circuit Dual Preamp for Tape Recorder
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com