전자부품 데이터시트 검색엔진 |
|
CA12070 데이터시트(PDF) 2 Page - Cree, Inc |
|
CA12070 데이터시트(HTML) 2 Page - Cree, Inc |
2 / 11 page A D 3 2 4 1 Tolerances if not otherwise shown According to DIN ISO 2768-1 Linear measures: up to 30mm class M, otherwise class C According to DIN ISO 2768-2 Form and position: class L SCALE 2:1 WEIGHT SHEET 1/1 SIZE A4 DRAWING TITLE PART NUMBER Ledil Oy Salorankatu 10 FIN 24240 SALO Finland THIRD ANGLE PROJECTION: This drawing is the property of LEDiL Oy. It may not be reproduced, copied or communicated without a written agreement with LEDiL Oy. Datasheet Emily-RE-ES series lens Material: Lens: PMMA Tape: PU Foam with adhesive Part no.s: CA12062_Emily-SS CA12064_Emily-M CA12066_Emily-O CA12068_Emily-O-90 CA12070_Emily-M2 Front view Tape 0.4mm Top view 26 2 Bottom view Beam direction Emily-O-90 Beam direction Emily-O |
유사한 설명 - CA12070 |