전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA15226 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA15226
상세설명  Strada series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA15226 데이터시트(HTML) 1 Page - Cree, Inc

  CA15226 Datasheet HTML 1Page - Cree, Inc CA15226 Datasheet HTML 2Page - Cree, Inc CA15226 Datasheet HTML 3Page - Cree, Inc CA15226 Datasheet HTML 4Page - Cree, Inc CA15226 Datasheet HTML 5Page - Cree, Inc CA15226 Datasheet HTML 6Page - Cree, Inc CA15226 Datasheet HTML 7Page - Cree, Inc CA15226 Datasheet HTML 8Page - Cree, Inc CA15226 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCT DATASHEET
Strada series
last update 15/12/2016
DETAILS
Product Number
CA15226_STRADA-SQ-FS3
Family
Strada
Type
Assembly
Color
clear
Diameter
25 + 25 mm
Height
16,2 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
15/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL445
Asymmetric degAsymmetric 91 %
1.000
-
PSL440
Asymmetric degAsymmetric 91 %
1.900
-
MK-R
125 deg
Asymmetric 88 %
1.298
-
XM-L2
sim: Asym
Asymmetric sim: 88 % sim: 2.000 -
XT-E
sim: Asym
Asymmetric sim: 87 % sim: 2.500 -
XHP50.2
sim: AsymmetricAsymmetric sim: 80 % sim: 1.060 Undefined Manufacturer: Protective Plate, Glass
XHP50.2
sim: AsymmetricAsymmetric sim: 90 % sim: 1.210 -
LUXEON M/MX
sim: AsymmetricAsymmetric sim: 85 % sim: 1.300 -
LUXEON M/MX
sim: AsymmetricAsymmetric sim: 73 % sim: 1.100 -
Duris S10
Asymmetric degAsymmetric 86 %
1.100
-
Duris P10
sim: AsymmetricAsymmetric sim: 94 % sim: 1.420 -
Duris P10
sim: AsymmetricAsymmetric sim: 85 % sim: 1.370 Undefined Manufacturer: Protective Plate, Glass
June 13th 2017 4:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA15226

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
More results

유사한 설명 - CA15226

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com