전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AME8500AEFVAF19 데이터시트(Datasheet) 9 Page - Analog Microelectronics

부품명 AME8500AEFVAF19
상세내용  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AME [Analog Microelectronics]
홈페이지  http://www.ame.com.tw/
Logo 

 9 page
background image
AME, Inc.
9
AME8500 / 8501
µµµµµProcessor Supervisory
Parameter
Symbol
Min
Typ
Max
Units
15.5
15.5
3.0
5.0
VTHNOM - 1.5%
VTHNOM +
1.5%
VTHNOM - 2.0%
VTHNOM +
2.0%
Hysteresis Range
VHYST
20
mV
RESET Threshold
Tempco
30
ppm
RESETB Output
Voltage Low
VDD<VTH (MIN)
RESET Output
Voltage Low
VDD>VTH (MAX)
ISOURCE=0.5mA,
VDD>1.8V
ISOURCE=0.15mA,
1.8V>=VDD>1.0V
ISOURCE=0.5mA,
VDD>1.8V
ISOURCE=0.15mA,
1.8V>=VDD>1.0V
VDD to Reset Delay
TD1
40
200
µS
Version A
0.5
1.5
5
mS
Version D
15
30
50
mS
Version E
80
150
230
mS
Version F
140
210
500
mS
Version K
300
440
600
mS
Temperature Shutdown
TOFF
80
oC
Temperature Shutdown
Hysteresis
THYS
20
oC
V
VOL
0.8VDD
mV
ISINK=1.2mA,
TA= -40~85
oC
0.5
V
V
Supply Current
IDD
TA=-40~85
oC
µA
VDD = VTH*1.10
VDD = VTH*1.10, TA=-40~85
oC
Test Condition
TA=-40~85
oC
VRELEASE - VTH, note1
VTH
Reset Threshold
VDD Range*
VRANGE
AME8501 only
AME8501 only
VDD= VTH - 100mV, TA= -40 ~ 85
oC
Reset Timeout Period*
TD2
TA= -40 ~ 85
oC
RESETB Output
Voltage High
VDD>VTH (MAX)
RESET Output
Voltage High
VOH
VDD<VTH (MIN)
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1:The data based on V
TH=2.7V part type.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
X25648V CC Supervisory Circuit w/Serial E 2 PROM 1 2 3 4 5 MoreXicor Inc.
ADM698Microprocessor Supervisory Circuits 1 2 3 4 Analog Devices
CAT24C163Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
LTC1235Microprocessor Supervisory Circuit 1 2 3 4 5 MoreLinear Technology
MAX6736Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
MAX8235-Pin Microprocessor Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
TPS3306-15DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL 1 2 3 4 5 MoreTexas Instruments
LM3712Microprocessor Supervisory Circuits with Separate Watchdog Timer Output Power Fail Input and Manual Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX6854Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
ADM6384Microprocessor Supervisory Circuit in 4-Lead SC70 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl