전자부품 데이터시트 검색엔진 |
|
SMBJ13 데이터시트(PDF) 2 Page - Shunye Enterprise |
|
SMBJ13 데이터시트(HTML) 2 Page - Shunye Enterprise |
2 / 4 page s c i t s i r e t c a r a h C l a c i r t c e l E Ratings at 25oC ambient temperature unless otherwise specified. V F=3.5V at IF=50A (uni-directional only) e p y T e c i v e D g n i k r a m e c i v e D e d o c e g a t l o v n w o d k a e r B V ) R B ( ) s t l o V ( ) 1 ( t s e T t n e r r u c I t a T ) A m ( f f o - d n a t S e g a t l o v V M W ) s t l o V ( m u m i x a M e s r e v e r e g a k a e l V t a M W I D ) 3 ( (u ) A m u m i x a M e s l u p k a e p e g r u s t n e r r u c I M P P ) 2 ( ) A ( m u m i x a M g n i p m a l c e g a t l o v I t a M P P V C ) s t l o V ( I N UI B. n i M. x a M 0 . 5 J B M SD KD A0 4 . 62 8 . 70 10 . 50 0 85 . 2 66 . 9 A 0 . 5 J B M S ) 5 ( E KE A0 4 . 67 0 . 70 10 . 50 0 82 . 5 62 . 9 0 . 6 J B M SF KF A7 6 . 65 1 . 80 10 . 60 0 86 . 2 54 . 1 1 A 0 . 6 J B M SG KG A7 6 . 67 3 . 70 10 . 60 0 83 . 8 53 . 0 1 5 . 6 J B M SH KH A2 2 . 72 8 . 80 15 . 60 0 58 . 8 43 . 2 1 A 5 . 6 J B M SK KK A2 2 . 78 9 . 70 15 . 60 0 56 . 3 52 . 1 1 0 . 7 J B M SL KL A8 7 . 71 5 . 90 10 . 70 0 21 . 5 43 . 3 1 A 0 . 7 J B M SM KM A8 7 . 70 6 . 80 10 . 70 0 20 . 0 50 . 2 1 5 . 7 J B M SN KN A3 3 . 82 . 0 10 . 15 . 70 0 10 . 2 43 . 4 1 A 5 . 7 J B M SP KP A3 3 . 81 2 . 90 . 15 . 70 0 15 . 6 49 . 2 1 0 . 8 J B M SQ KQ A9 8 . 89 . 0 10 . 10 . 80 50 . 0 40 . 5 1 A 0 . 8 J B M SR KR A9 8 . 83 8 . 90 . 10 . 80 51 . 4 46 . 3 1 5 . 8 J B M SS KS A4 4 . 95 . 1 10 . 15 . 80 27 . 7 39 . 5 1 A 5 . 8 J B M ST KT A4 4 . 94 . 0 10 . 15 . 80 27 . 1 44 . 4 1 0 . 9 J B M SU KU A0 . 0 12 . 2 10 . 10 . 90 15 . 5 39 . 6 1 A 0 . 9 J B M SV KV A0 . 0 11 . 1 10 . 10 . 90 10 . 9 34 . 5 1 0 1 J B M SW KW A1 . 1 16 . 3 10 . 10 10 . 59 . 1 38 . 8 1 A 0 1 J B M SX KX A1 . 1 13 . 2 10 . 10 10 . 53 . 5 30 . 7 1 1 1 J B M SY KY A2 . 2 19 . 4 10 . 11 10 . 59 . 9 21 . 0 2 A 1 1 J B M SZ KZ A2 . 2 15 . 3 10 . 11 10 . 50 . 3 32 . 8 1 2 1 J B M SD LD B3 . 3 13 . 6 10 . 12 10 . 53 . 7 20 . 2 2 A 2 1 J B M SE LE B3 . 3 17 . 4 10 . 12 10 . 52 . 0 39 . 9 1 3 1 J B M SF LF B4 . 4 16 . 7 10 . 13 10 . 12 . 5 28 . 3 2 A 3 1 J B M SG LG B4 . 4 19 . 5 10 . 13 10 . 19 . 7 25 . 1 2 4 1 J B M SH LH B6 . 5 11 . 9 10 . 14 10 . 13 . 3 28 . 5 2 A 4 1 J B M SK LK B6 . 5 12 . 7 10 . 14 10 . 19 . 5 22 . 3 2 5 1 J B M SL LL B7 . 6 14 . 0 20 . 15 10 . 13 . 2 29 . 6 2 A 5 1 J B M SM LM B7 . 6 15 . 8 10 . 15 10 . 16 . 4 24 . 4 2 6 1 J B M SN LN B8 . 7 18 . 1 20 . 16 10 . 18 . 0 28 . 8 2 A 6 1 J B M SP LP B8 . 7 17 . 9 10 . 16 10 . 11 . 3 20 . 6 2 7 1 J B M SQ LQ B9 . 8 11 . 3 20 . 17 10 . 17 . 9 15 . 0 3 A 7 1 J B M SR LR B9 . 8 19 . 0 20 . 17 10 . 17 . 1 26 . 7 2 8 1 J B M SS LS B0 . 0 24 . 4 20 . 18 10 . 16 . 8 12 . 2 3 A 8 1 J B M ST LT B0 . 0 21 . 2 20 . 18 10 . 15 . 0 22 . 9 2 0 2 J B M SU LU B2 . 2 21 . 7 20 . 10 20 . 18 . 6 18 . 5 3 A 0 2 J B M SV LV B2 . 2 25 . 4 20 . 10 20 . 15 . 8 14 . 2 3 2 2 J B M SW LW B4 . 4 28 . 9 20 . 12 20 . 12 . 5 14 . 9 3 A 2 2 J B M SX LX B4 . 4 29 . 6 20 . 12 20 . 19 . 6 15 . 5 3 4 2 J B M SY LY B7 . 6 26 . 2 30 . 14 20 . 10 . 4 10 . 3 4 A 4 2 J B M SZ LZ B7 . 6 25 . 9 20 . 14 20 . 14 . 5 19 . 8 3 6 2 J B M SD MD C9 . 8 23 . 5 30 . 16 20 . 19 . 2 16 . 6 4 A 6 2 J B M SE ME C9 . 8 29 . 1 30 . 16 20 . 13 . 4 11 . 2 4 8 2 J B M SF MF C1 . 1 30 . 8 30 . 18 20 . 10 . 2 10 . 0 5 A 8 2 J B M SG MG C1 . 1 34 . 4 30 . 18 20 . 12 . 3 14 . 5 4 0 3 J B M SH MH C3 . 3 37 . 0 40 . 10 30 . 12 . 1 15 . 3 5 A 0 3 J B M SK MK C3 . 3 38 . 6 30 . 10 30 . 14 . 2 14 . 8 4 Notes: 1. V (BR) measured after IT applied for 300us square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled 4. All terms and symbols are consistent with ANSI/IEEE C62.35 5. For the bidirectional SMBJ5.0CA, the maximum V (BR) is 7.25V. www.shunyegroup.com.cn |
유사한 부품 번호 - SMBJ13 |
|
유사한 설명 - SMBJ13 |