전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ78A 데이터시트(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

부품명 SMAJ78A
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
홈페이지  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMAJ78A 데이터시트(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMAJ78A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ78A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ78A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
400 Watt
Transient Voltage
Suppressors
5.0 to 440 Volts
0.05
0.085 ”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
MI N
MI N
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.157
.181
4.00
4.60
B
.098
.114
2.50
2.90
C
.006
.012
0.152
0.305
D..030
.060
0.76
1..52
E
.188
.208
4.80
5.28
F
.078
.096
2.00
2.44
G
.055
.062
1.40
1.60
H
.002
.008
0.051
0.203
Features
For Surface Mount Applications
Unidirectional And Bidirectional
Low Inductance
High Temp Soldering: 260
°C for 10 Seconds At Terminals
For Bidirectional Devices Add “C” To The Suffix of The Part
Number: i.e.SMAJ5.0CA for 5% Tolerance
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 25
/W Junction to Ambient
Peak Pulse Current on
10/1000
IPPM
See Table 1 Note 2
Peak Pulse Power Dissipation
PPPM
Min 400 W
Note 2, 6
Steady State Power Dissipation
PM(AV)
1.0 W
Note 2, 5
Peak Forward Surge Current
IFSM
40A
Note:5
2. Non-repetitive current pulse, per Fig.3 and derated above
TA=25
per Fig.2.
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. 8.3ms, single half sine wave duty cycle = 4 pulses per
Minutes maximum.
5. Lead temperature at TL = 75 .
6. Peak pulse power waveform is 10/1000
.
A
B
D
C
E
F
G
H
DO-214AC
(SMA)( LEAD FRAME)
0HFKDQLFDO'DWD
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
Polarity: Indicated by cathode band except bi-directional types
UL Recognized File # E331408
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.shunyegroup.com.cn
SMAJ5.0 THRU SMAJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage: 5.0-440 Volts
Peak pulse power: 400 Watts


유사한 부품 번호 - SMAJ78A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ78A JGD-SMAJ78A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ78A SOCAY-SMAJ78A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ78A LUGUANG-SMAJ78A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ78A SOCAY-SMAJ78A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SUNMATE electronic Co.,...
SMAJ78A SUNMATE-SMAJ78A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results

유사한 설명 - SMAJ78A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com