전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16BS 데이터시트(PDF) 2 Page - Weitron Technology

부품명 BAS16BS
상세설명  SWITCHING DIODES 500m AMPERES 75 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS16BS 데이터시트(HTML) 2 Page - Weitron Technology

  BAS16BS Datasheet HTML 1Page - Weitron Technology BAS16BS Datasheet HTML 2Page - Weitron Technology BAS16BS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
Device Marking
Item
Marking
Eqivalent Circuit diagram
http://www.weitron.com.tw
3*
Cathode
Anode
2
1
2/3
22-Aug-2016
Maximum Ratings (TA=25˚C Unless otherwise noted)
(TA=25˚C Unless otherwise noted)
Rating
Characteristic
Symbol
Symbol
Min
Typ
Max
IR
V(BR)
75
Value
Unit
Unit
1.0
75
-
-
-
V
Vdc
Electrical Characteristics
BAS16BS
BAS16BS
Peak Forward Current
F
I
mAdc
500
200
VR
VF
-
mV
-
-
2.0
pF
Continuous Reverse Voltage
dc
Peak Forward Surge Current
FM
I
mAdc
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
T A= 25°C
Derate above 25°C
PD
200
mW
1.57
Thermal Resistance Junction to Ambient
Rθ
JA
635
/W
Junction and Storage Temperature
Tj,Tstg
-55to+150
mW/℃
Reverse Voltage Leakage Current
(V R = 75 Vdc)
(V R = 75 Vdc, T J = 150°C)
(V R = 25 Vdc, T J = 150°C)
µAdc
50
30
Reverse Breakdown Voltage
(I BR = 100 µAdc)
-
Forward Voltage
(I F = 1.0 mAdc)
(I F = 10 mAdc)
(I F = 50 mAdc)
(I F = 150 mAdc)
-
715
855
1000
1250
Diode Capacitance
(V R = 0, f = 1.0 MHz)
CD
Forward Recovery Voltage
(I F = 10 mAdc, t r = 20 ns)
V FR
1.75
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, R L = 50 Ω)
Trr
4.0
ns
-
-
-
-
45
pC
Qs
-
-
Stored Charge
(I F = 10 mAdc to V R = 5.0 Vdc, R L = 500 Ω)
*Rotated 90°
**FR-4 Minimum Pad


유사한 부품 번호 - BAS16BS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16 Datasheet
151Kb / 2P
   SMD Small Signal Diodes
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
logo
Goodwork Semiconductor ...
BAS16 GWSEMI-BAS16 Datasheet
290Kb / 3P
   Silicon Epitaxial Planar Switching Diode
More results

유사한 설명 - BAS16BS

제조업체부품명데이터시트상세설명
logo
Weitron Technology
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
   200mW Switching Diodes 75 Volts
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
   200mW Switching Diodes 75 Volts
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
   200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
   200mW Switching Diodes 75 Volts
logo
Weitron Technology
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
   SWITCHING DIODES 100m AMPERES 90 VOLTS
1SS400BS WEITRON-1SS400BS Datasheet
824Kb / 3P
   SWITCHING DIODES 225m AMPERES 90 VOLTS
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
   Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
logo
Powerex Power Semicondu...
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com