전자부품 데이터시트 검색엔진 |
|
AD9286-500EBZ 데이터시트(PDF) 4 Page - Analog Devices |
|
AD9286-500EBZ 데이터시트(HTML) 4 Page - Analog Devices |
4 / 28 page Data Sheet AD9286 SPECIFICATIONS DC SPECIFICATIONS AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, unless otherwise noted. Table 1. Parameter1 Temperature Min Typ Max Unit RESOLUTION Full 8 Bits DC ACCURACY Differential Nonlinearity Full ±0.2 ±0.4 LSB Integral Nonlinearity Full ±0.1 ±0.3 LSB No Missing Codes Full Guaranteed Offset Error Full 0 ±0.4 ±2.1 % FS Gain Error Full 0 ±2 ±2.8 % FS MATCHING CHARACTERISTICS Offset Error2 Full 0 ±0.4 ±2.1 % FS Gain Error Full 0 ±0.05 ±0.2 % FS TEMPERATURE DRIFT Offset Error Full ±2 ppm/°C Gain Error Full ±20 ppm/°C ANALOG INPUT Input Span Full 1.2 V p-p Input Common-Mode Voltage Full 1.4 V Input Resistance (Differential) Full 16 kΩ Input Capacitance (Differential) Full 250 fF Full Power Bandwidth Full 700 MHz VOLTAGE REFERENCE Internal Reference Full 0.97 1 1.03 V Input Resistance Full 3 kΩ POWER SUPPLIES Supply Voltage AVDD Full 1.7 1.8 1.9 V DRVDD Full 1.7 1.8 1.9 V Supply Current IAVDD Full 125 130 mA IDRVDD Full 51 54 mA POWER CONSUMPTION Sine Wave Input3 Full 315 330 mW Power-Down Power Full 0.3 1.7 mW 1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were completed. 2 See the Interleave Performance section. 3 Measured with a low frequency, full-scale sine wave, with approximately 5 pF loading on each output bit. Rev. C | Page 3 of 27 |
유사한 부품 번호 - AD9286-500EBZ |
|
유사한 설명 - AD9286-500EBZ |