전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB10B 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 BTB10B
상세설명  STANDARD TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB10B 데이터시트(HTML) 2 Page - STMicroelectronics

  BTB10B Datasheet HTML 1Page - STMicroelectronics BTB10B Datasheet HTML 2Page - STMicroelectronics BTB10B Datasheet HTML 3Page - STMicroelectronics BTB10B Datasheet HTML 4Page - STMicroelectronics BTB10B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC Junction to case for DC
BTA
3.9
°C/W
BTB
3.1
Rth (j-c) AC Junction to case for 360
° conduction angle
( F= 50 Hz)
BTA
2.9
°C/W
BTB
2.3
Symbol
Test Conditions
Quadrant
Suffix
Unit
BC
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III
MAX
50
25
mA
IV
MAX
100
50
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III-IV
MAX
1.5
V
VGD
VD=VDRM RL=3.3kΩ
Tj=110
°C
I-II-III-IV
MIN
0.2
V
tgt
VD=VDRM IG = 500mA
dIG/dt = 3A/µs
Tj=25
°C
I-II-III-IV
TYP
2
µs
IL
IG=1.2 IGT
Tj=25
°C
I-III-IV
TYP
40
20
mA
II
70
35
IH *IT= 500mA gate open
Tj=25
°C
MAX
50
25
mA
VTM *ITM= 14A tp= 380µs
Tj=25
°C
MAX
1.5
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°C
MAX
0.01
mA
Tj=110
°C
MAX
0.5
dV/dt *
Linear slope up to VD=67%VDRM
gate open
Tj=110
°C
MIN
250
100
V/
µs
(dV/dt)c *
(dI/dt)c = 4.4A/ms
Tj=110
°C
MIN
10
5
V/
µs
* For either polarity of electrode A2 voltage with reference to electrode A1.
PG (AV) =1W
PGM = 10W (tp = 20 µs)
IGM =4A (tp =20 µs)
VGM = 16V (tp = 20 µs).
ELECTRICAL CHARACTERISTICS
THERMAL RESISTANCES
BTA10 B/C / BTB10 B/C
2/5
S
S


유사한 부품 번호 - BTB10B

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB10 SIRECT-BTB10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
logo
STMicroelectronics
BTB10 STMICROELECTRONICS-BTB10 Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
logo
Foshan Blue Rocket Elec...
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
More results

유사한 설명 - BTB10B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
   STANDARD TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
   STANDARD TRIACS
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
   STANDARD TRIACS
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com