전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5092MTCX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN5092MTCX
상세설명  High Current System Voltage Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5092MTCX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN5092MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FAN5092
PRODUCT SPECIFICATION
4
REV. 1.0.7 6/20/02
Recommended Operating Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Driver Supply, Boot
16
17
V
VCC
10.8
12
13.2
V
Input Logic HIGH
2.0
V
Input Logic LOW
0.8
V
Ambient Operating Temperature
0
70
°C
Electrical Specifications
(VCC = 12V, VOUT = 1.500V, and TA = +25°C using circuit in Figure 1, unless otherwise noted.)
The
• denotes specifications which apply over the full operating temperature range.
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Table I
1.100
1.850
V
Output Current
60
A
Internal Reference Voltage
1.4675
1.4750
1.4825
V
Initial Voltage Setpoint
ILOAD = 5A
1.460
1.475
1.490
V
Output Temperature Drift
TA = 0 to 70
°C-5
mV
Line Regulation
VIN = 11.4V to 12.6V
+130
µV
Droop
ILOAD = 0.8A to Imax
-90
-100
-110
mV
Programmable Droop Range
RDROOP = TBD to TBD
-10
0
%VOUT
Total Output Variation, Steady
State1
ILOAD = 0.8A to Imax
1.430
1.570
V
Total Output Variation,
Transient2
ILOAD = 0.8A to Imax
1.430
1.570
V
Response Time
∆VOUT = 10mV
100
nsec
Gate Drive On-Resistance
1.0
Upper Drive Low Voltage
VHDRV – VSW at Isink = 10µA
0.2
V
Upper Drive High Voltage
VBOOT – VHDRV at Isource = 10µA
0.5
V
Lower Drive Low Voltage
Isink = 10µA
0.2
V
Lower Drive High Voltage
VCC – VLDRV at Isource = 10µA
0.5
V
Output Driver Rise & Fall Time
See Figure 2
20
nsec
Current Mismatch
RDS,on(A) = RDS,on(B)
5
%
Output Overvoltage Detect
2.1
2.3
V
Efficiency
ILOAD = Imax,
ILOAD = 2A, E*-mode enabled
85
70
%
Oscillator Frequency
RT = 41.2K
Ω•
450
600
750
KHz
Oscillator Range
RT = 125K
Ω to 12.5KΩ
200
2000
KHz
Maximum Duty Cycle
RT = 125K
90
%
Minimum LDRV on-time
RT=12.5K
330
nsec
Input Low Current, VID pins
VVID = 0.4V
50
µA
Soft Start Current
10
µA
Enable Threshold
ON
OFF
0.4
1.0
V
BYPASS Voltage
4.75
5
5.25
V


유사한 부품 번호 - FAN5092MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
   High Current System Voltage Buck Converter
FAN5092 FAIRCHILD-FAN5092 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

유사한 설명 - FAN5092MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
   High Current System Voltage Buck Converter
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com