전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5092MTCX 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN5092MTCX
상세설명  High Current System Voltage Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5092MTCX 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5092MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 14Page - Fairchild Semiconductor FAN5092MTCX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PRODUCT SPECIFICATION
FAN5092
REV. 1.0.7 6/20/02
11
Application Circuit
Figure 1. Four-Phase Application Circuit
+5V
3.3V@60A
1 2
3
4 5 6
7 8
9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
U1
FAN5092
+12V
+5V
+12V
ENABLE/SS
C5
D3
D2
C4
C3
PWRGD
+12V
+12V
+12V
L1 (Optional)
CIN
R6
Q1
R5
C2
+12V
A
B
Q2
C1
L2
COUT
L3
R7
R16
R17
R4
R1
D1
Q4
Q3
R8
R2
R3
L5
1 2
3
4 5 6
7 8
9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
U2
FAN5092
+12V
C7
+12V
R13
Q5
R12
C6
A
B
Q6
L4
R11
R9
R10
+12V
R15
Q7
R14
Q8


유사한 부품 번호 - FAN5092MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
   High Current System Voltage Buck Converter
FAN5092 FAIRCHILD-FAN5092 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

유사한 설명 - FAN5092MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
   High Current System Voltage Buck Converter
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com