전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3417 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SK3417
상세설명  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3417 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SK3417 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3417
2002-08-12
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
¾
¾
±10
mA
Drain-source breakdown voltage
V (BR) GSS
IG = ±100 mA, VDS = 0 V
±30
¾
¾
V
Drain cut-OFF current
IDSS
VDS = 500 V, VGS = 0 V
¾
¾
100
mA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
¾
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
¾
1.6
1.8
W
Forward transfer admittance
ïYfsï
VDS = 10 V, ID = 2.5 A
2.5
4.0
¾
S
Input capacitance
Ciss
¾
780
¾
Reverse transfer capacitance
Crss
¾
60
¾
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
¾
200
¾
pF
Rise time
tr
¾
12
¾
Turn-ON time
ton
¾
25
¾
Fall time
tf
¾
15
¾
Switching time
Turn-OFF time
toff
¾
60
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
17
¾
Gate-source charge
Qgs
¾
11
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- 400 V, VGS = 10 V, ID = 5 A
¾
6
¾
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
¾
¾
¾
5
A
Pulse drain reverse current
(Note 1)
IDRP
¾
¾
¾
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
¾
¾
-1.7
V
Reverse recovery time
trr
¾
60
¾
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V,
dIDR/dt = 100 A/ms
¾
0.1
¾
mC
Marking
Type
K3417
Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Duty <= 1%, tw = 10 ms
0 V
10 V
VGS
RL = 90 W
VDD ~- 225 V
ID = 2.5 A
VOUT


유사한 부품 번호 - 2SK3417

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3417 TOSHIBA-2SK3417 Datasheet
250Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3417 TOSHIBA-2SK3417 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3417B ISC-2SK3417B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3417K ISC-2SK3417K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3417 TOSHIBA-2SK3417_06 Datasheet
250Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

유사한 설명 - 2SK3417

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com