전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7927 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7927
상세설명  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7927 데이터시트(HTML) 4 Page - Analog Devices

  AD7927 Datasheet HTML 1Page - Analog Devices AD7927 Datasheet HTML 2Page - Analog Devices AD7927 Datasheet HTML 3Page - Analog Devices AD7927 Datasheet HTML 4Page - Analog Devices AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
AD7927
TIMING SPECIFICATIONS1 (AV
DD = 2.7 V to 5.25 V, VDRIVE
AVDD, REFIN = 2.5 V, TA = TMIN to TMAX, unless otherwise noted.)
Limit at TMIN, TMAX AD7927
Parameter
AVDD = 3 V
AVDD = 5 V
Unit
Description
fSCLK
2
10
10
kHz min
20
20
MHz max
tCONVERT
16
¥ tSCLK
16
¥ tSCLK
tQUIET
50
50
ns minMinimum Quiet Time Required between
CS Rising Edge
and Start of Next Conversion
t2
10
10
ns min
CS to SCLK Setup Time
t3
3
35
30
ns max
Delay from
CS until DOUT Three-State Disabled
t4
3
40
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4
¥ tSCLK
0.4
¥ tSCLK
ns min
SCLK Low Pulsewidth
t6
0.4
¥ tSCLK
0.4
¥ tSCLK
ns min
SCLK High Pulsewidth
t7
10
10
ns min
SCLK to DOUT Valid Hold Time
t8
4
15/45
15/35
ns min/max
SCLK Falling Edge to DOUT High Impedance
t9
10
10
ns min
DIN Setup Time Prior to SCLK Falling Edge
t10
55
ns min
DIN Hold Time after SCLK Falling Edge
t11
20
20
ns min
Sixteenth SCLK Falling Edge to
CS High
t12
11
ms max
Power-Up Time from Full Power-Down/Auto
Shutdown Mode
NOTES
1Sample tested at 25
∞C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of AVDD) and timed from a voltage level of 1.6 V.
See Figure 1. The 3 V operating range spans from 2.7 V to 3.6 V. The 5 V operating range spans from 4.75 V to 5.25 V.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.4 V or 0.7
¥ VDRIVE.
4t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number i s then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means the time, quoted in the timing characteristics t8, is the true bus relinquish time
of the part and is independent of the bus loading.
Specifications subject to change without notice.
TO
OUTPUT
PIN
CL
50pF
200 A
IOH
200 A
IOL
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications


유사한 부품 번호 - AD7927

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results

유사한 설명 - AD7927

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com