전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7388DP 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7388DP
상세설명  N-Channel Reduced Qg, Fast Switching MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7388DP 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7388DP Datasheet HTML 1Page - Vishay Siliconix SI7388DP Datasheet HTML 2Page - Vishay Siliconix SI7388DP Datasheet HTML 3Page - Vishay Siliconix SI7388DP Datasheet HTML 4Page - Vishay Siliconix SI7388DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7388DP
Vishay Siliconix
New Product
Document Number: 71919
S-21518—Rev. B, 26-Aug-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.004
0.008
0.012
0.016
0.020
0
1020304050
0
2
4
6
8
10
0
7
14
21
28
35
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS = 15 V
ID = 16 A
VGS = 10 V
ID = 16 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VGS = 4.5 V
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
02468
10
1
10
50
ID = 16 A
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)


유사한 부품 번호 - SI7388DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7380ADP VISHAY-SI7380ADP Datasheet
95Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI7382DP VISHAY-SI7382DP Datasheet
324Kb / 12P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI7386DP VISHAY-SI7386DP Datasheet
144Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
More results

유사한 설명 - SI7388DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com