전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL602 데이터시트(PDF) 2 Page - HY ELECTRONIC CORP.

부품명 KBL602
상세설명  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL602 데이터시트(HTML) 2 Page - HY ELECTRONIC CORP.

  KBL602 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL602 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBL602 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
KBL6005 thru KBL610
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
AMBIENT TEMPERATURE ℃
FIG.2-DERATING CURVE
OUTPUT RECTIFIED CURRENT
NUMBER OF CYCLETS AT 60Hz
FLG.1-MAXIMUM FORWARD SUNRGE CURRENT
1
10
100
250
150
50
100
200
300
TJ=25
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH:300us
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0 1.2
1.4 1.6 1.8
FIG.4– TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
TJ = 25


유사한 부품 번호 - KBL602

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KBL602 ETC-KBL602 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL602 ZSELEC-KBL602 Datasheet
337Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBL602 TSC-KBL602 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBL602 CHENDA-KBL602 Datasheet
870Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBL602 DAESAN-KBL602 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

유사한 설명 - KBL602

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com