전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1950 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN1950
상세설명  1.5A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1950 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1950 Datasheet HTML 3Page - Fairchild Semiconductor FAN1950 Datasheet HTML 4Page - Fairchild Semiconductor FAN1950 Datasheet HTML 5Page - Fairchild Semiconductor FAN1950 Datasheet HTML 6Page - Fairchild Semiconductor FAN1950 Datasheet HTML 7Page - Fairchild Semiconductor FAN1950 Datasheet HTML 8Page - Fairchild Semiconductor FAN1950 Datasheet HTML 9Page - Fairchild Semiconductor FAN1950 Datasheet HTML 10Page - Fairchild Semiconductor FAN1950 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FAN1950/FAN1951
10
REV. 0.1.6 8/30/04
Mechanical Dimensions
3-Lead TO-252 DPAK Package
D
D1
GAGE PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A)
ALL DIMENSIONS ARE IN MILLIMETERS.
B)
THIS PACKAGE CONFORMS TO JEDEC, TO-252,
ISSUE C. VARIATION AA & AB, DATED NOV. 1999.
C)
DIMENSIONING AND TOLERANCING PER
ASME Y14.5–1994.
D)
HEAT SINK TOP EDGE COULD BE IN CHAMFERED
CORNERS OR EDGE PROTRUSION.
E)
DIMENSIONS L3, D, E1 & D1 TABLE:
OPTION AA OPTION AB
0.89 – 1.27
1.52 – 2.03
5.97 – 6.22
5.33 – 5.59
4.32 MIN
3.81 MIN
5.21 MIN
L3
D
E1
D1
4.57 MIN
0.51
SEATING PLANE
DETAIL A
(1.54)
1.78
1.40
0.61
0.46
10
°
0
°
0.127 MAX
(ROTATED –90
°)
SCALE 12X
E1
L3
1
1
2
3
1
2
3
4
3
4
6.73
6.35
1.02
0.64
6.25
6.00 MIN
6.50 MIN
4.60
2.39
2.18
0.58
0.46
0.10
B
10.41
9.40
SEE
DETAIL A
3.00 MIN
1.40 MIN
LAND PATTERN RECOMMENDATION
1.14
0.76
0.89
0.64
SEE
NOTE D
(0.59)
2.29
5.46
5.21
4.57
0.25
A
C
MM
(2.90)
2.30
C
A
B


유사한 부품 번호 - FAN1950

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

유사한 설명 - FAN1950

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
MIC39150 MICREL-MIC39150_09 Datasheet
313Kb / 14P
   1.5A, Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com