전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1951D25X 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN1951D25X
상세설명  1.5A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1951D25X 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN1951D25X Datasheet HTML 1Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1951D25X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FAN1950/FAN1951
REV. 0.1.6 8/30/04
5
Typical Performance Characteristics
Dropout Voltage vs. Output Current
0
0.5
0.7
0.9
1.1
1.3
1.5
0.1
0.2
0.3
0.4
0.5
0.6
Load Current (A)
-40
°C
-10
°C
+25
°C
+75
°C
+125
°C
Dropout Voltage vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
0
50
100
150
Tj
IL = 1A
IL = 1.5A
Vout = 2.5V, 1.8V, Iout = 1A, 1.5A
Iout = 10mA
Ground Current vs. Supply Voltage
Vin = Vout + 1V, 25
°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
05
10
15
20
Vin (V)
Ground Current vs. Load Current
Vin = Vout + 1V, 25
°C
0.00
5.00
10.00
15.00
20.00
25.00
0
500
1000
1500
2000
Load Current (mA)
I gnd (mA)


유사한 부품 번호 - FAN1951D25X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

유사한 설명 - FAN1951D25X

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
MIC39150 MICREL-MIC39150_09 Datasheet
313Kb / 14P
   1.5A, Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com