전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE1232 데이터시트(Datasheet) 2 Page - NTE Electronics

부품명 NTE1232
상세내용  Integrated Circuit Audio Amplifier for Car Radio, 8W
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 2 page
background image
Electrical Characteristics: (VS = 14.4V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
DC Characteristics
Supply Voltage
Vs
8
18
V
Quiescent Output Voltage (Pin4)
Vo
6.4
7.2
8.0
V
Quiescent Drain Current (Pin5)
Id
45
80
mA
AC Characteristics (GV = 40dB)
Output Power
Po
d = 10%, f = 1kHz
RL = 4Ω
4.8
5.2
W
RL = 2Ω
7.0
8.0
W
Vs = 16V, d = 10%, f = 1kHz RL = 4Ω
6.5
W
RL = 2Ω
10
W
Input Saturation Voltage
Vi(rms)
600
mV
Input Sensitivity
Vi
f = 1kHz, Po = 0.5W
RL = 4Ω
15
mV
RL = 2Ω
11
mV
f = 1kHz, Po = 5.2W, RL = 4Ω
55
mV
f = 1kHz, Po = 8W, RL = 2Ω
50
mV
Frequency Response (–3dB)
B
RL = 4Ω, Po = 1W
40 to 15,000
Hz
Distortion
d
f = 1kHz, Po = 0.05 to 3.5W, RL = 4Ω
0.2
%
f = 1kHz, Po = 0.05 to 5W, RL = 2Ω
0.2
%
Input Resistance (Pin1)
Ri
f = 1kHz
70
150
k
Voltage Gain (Open Loop)
GV
f = 1kHz, RL = 4Ω
80
dB
Voltage Gain (Closed Loop)
GV
f = 1kHz, RL = 4Ω
39.5 40.0 40.5
dB
Input Noise Voltage
eN
Note 1
4
µV
Input Noise Current
iN
Note 1
60
pA
Efficiency
η
Po = 5.2W, RL = 4Ω
f = 1kHz
68
%
Po = 8W, RL = 2Ω
58
%
Supply Voltage Rejection
SVR
RL = 4Ω, Rg = 10kΩ, fripple = 100Hz
30
35
dB
Note 1. Filter with noise bandwidth: 22Hz to 22kHz.




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE7053Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio 1 2 3 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1043Integrated Circuit Audio Amplifier for Tape Recorder 1 2 NTE Electronics
AN7259SFM-IF Amplifier Circuit for Car Radio 1 2 3 4 5 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl