전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7466303R 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7466303R
상세설명  REDCUBE SMD right angled without Pins WP-SMRA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7466303R 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7466303R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466303R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466303R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466303R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466303R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min 1)
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm 1)
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
REDCUBE SMD right angled
without Pins WP-SMRA
ORDER CODE
7466303R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.002
Valid
2017-02-22
eiCan
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7466303R

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7466300R WURTH-7466300R Datasheet
356Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
More results

유사한 설명 - 7466303R

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7466300R WURTH-7466300R Datasheet
356Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466313R WURTH-7466313R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7464000 WURTH-7464000 Datasheet
174Kb / 2P
   REDCUBE Plug Terminal WP-PLUG
001.000
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
7466005R WURTH-7466005R Datasheet
411Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
746600430R WURTH-746600430R Datasheet
391Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7460211 WURTH-7460211 Datasheet
220Kb / 3P
   WP-TGTR REDCUBE PRESS-FIT
001.003
74610704 WURTH-74610704 Datasheet
191Kb / 3P
   WP-TGCF REDCUBE PRESS-FIT
001.001
7464004 WURTH-7464004 Datasheet
102Kb / 2P
   REDCUBE Plug Cable Connector WP-PLUG
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com