전자부품 데이터시트 검색엔진 |
|
MC33035DWR2G 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC33035DWR2G 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 28 page MC33035, NCV33035 http://onsemi.com 3 MAXIMUM RATINGS Rating Symbol Value Unit Power Supply Voltage VCC 40 V Digital Inputs (Pins 3, 4, 5, 6, 22, 23) − Vref V Oscillator Input Current (Source or Sink) IOSC 30 mA Error Amp Input Voltage Range (Pins 11, 12, Note 1) VIR − 0.3 to Vref V Error Amp Output Current (Source or Sink, Note 2) IOut 10 mA Current Sense Input Voltage Range (Pins 9, 15) VSense − 0.3 to 5.0 V Fault Output Voltage VCE(Fault) 20 V Fault Output Sink Current ISink(Fault) 20 mA Top Drive Voltage (Pins 1, 2, 24) VCE(top) 40 V Top Drive Sink Current (Pins 1, 2, 24) ISink(top) 50 mA Bottom Drive Supply Voltage (Pin 18) VC 30 V Bottom Drive Output Current (Source or Sink Pins 19 20 21) IDRV 100 mA Bottom Drive Output Current (Source or Sink, Pins 19, 20, 21) IDRV 100 mA Power Dissipation and Thermal Characteristics Power Dissi ation and Thermal Characteristics P Suffix, Dual In Line, Case 724 P Suffix, Dual In Line, Case 724 Maximum Power Dissipation @ TA = 85°C PD 867 mW Maximum Power Dissi ation @ TA 85 C Thermal Resistance, Junction−to−Air PD RθJA 867 75 mW °C/W , DW Suffix, Surface Mount, Case 751E θJA DW Suffix, Surface Mount, Case 751E Maximum Power Dissipation @ TA = 85°C PD 650 mW C/ A Thermal Resistance, Junction−to−Air D RθJA 100 °C/W Operating Junction Temperature TJ 150 °C Operating Ambient Temperature Range (Note 3) MC33035 NCV33035 TA − 40 to + 85 −40 to +125 °C Storage Temperature Range Tstg − 65 to +150 °C ELECTRICAL CHARACTERISTICS (VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit REFERENCE SECTION Reference Output Voltage (Iref = 1.0 mA) TA = 25°C (Note 4) Vref 5.9 5.82 6.24 − 6.5 6.57 V Line Regulation (VCC = 10 to 30 V, Iref = 1.0 mA) Regline − 1.5 30 mV Load Regulation (Iref = 1.0 to 20 mA) Regload − 16 30 mV Output Short Circuit Current (Note 5) ISC 40 75 − mA Reference Under Voltage Lockout Threshold Vth 4.0 4.5 5.0 V ERROR AMPLIFIER Input Offset Voltage (Note 4) VIO − 0.4 10 mV Input Offset Current (Note 4) IIO − 8.0 500 nA Input Bias Current (Note 4) IIB − −46 −1000 nA Input Common Mode Voltage Range VICR (0 V to Vref) V Open Loop Voltage Gain (VO = 3.0 V, RL = 15 k) AVOL 70 80 − dB Input Common Mode Rejection Ratio CMRR 55 86 − dB Power Supply Rejection Ratio (VCC = VC = 10 to 30 V) PSRR 65 105 − dB 1. The input common mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 V. 2. The compliance voltage must not exceed the range of − 0.3 to Vref. 3. NCV33035: Tlow = −40°C, Thigh = 125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. 4. MC33035: TA = −40°C to +85°C; NCV33035: TA = −40°C to +125°C. 5. Maximum package power dissipation limits must be observed. |
유사한 부품 번호 - MC33035DWR2G |
|
유사한 설명 - MC33035DWR2G |