전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33035PG 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 MC33035PG
상세설명  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035PG 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button MC33035PG Datasheet HTML 7Page - ON Semiconductor MC33035PG Datasheet HTML 8Page - ON Semiconductor MC33035PG Datasheet HTML 9Page - ON Semiconductor MC33035PG Datasheet HTML 10Page - ON Semiconductor MC33035PG Datasheet HTML 11Page - ON Semiconductor MC33035PG Datasheet HTML 12Page - ON Semiconductor MC33035PG Datasheet HTML 13Page - ON Semiconductor MC33035PG Datasheet HTML 14Page - ON Semiconductor MC33035PG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
11
V
V
V
V
V
V
X
1
0
1
1
1
1
0
0
0
0
(Note 11)
NOTES: 1. V = Any one of six valid sensor or drive combinations
X = Don’t care.
2. The digital inputs (Pins 3, 4, 5, 6, 7, 22, 23) are all TTL compatible. The current sense input (Pin 9) has a 100 mV threshold with respect to Pin 15.
A logic 0 for this input is defined as < 85 mV, and a logic 1 is > 115 mV.
3. The fault and top drive outputs are open collector design and active in the low (0) state.
4. With 60
°/120° select (Pin 22) in the high (1) state, configuration is for 60° sensor electrical phasing inputs. With Pin 22 in low (0) state, configuration
is for 120
° sensor electrical phasing inputs.
5. Valid 60
° or 120° sensor combinations for corresponding valid top and bottom drive outputs.
6. Invalid sensor inputs with brake = 0; All top and bottom drives off, Fault low.
7. Invalid sensor inputs with brake = 1; All top drives off, all bottom drives on, Fault low.
8. Valid 60
° or 120° sensor inputs with brake = 1; All top drives off, all bottom drives on, Fault high.
9. Valid sensor inputs with brake = 1 and enable = 0; All top drives off, all bottom drives on, Fault low.
10. Valid sensor inputs with brake = 0 and enable = 0; All top and bottom drives off, Fault low.
11. All bottom drives off, Fault low.
Figure 20. Three Phase, Six Step Commutation Truth Table (Note 1)
Pulse Width Modulator
The use of pulse width modulation provides an energy
efficient method of controlling the motor speed by varying
the average voltage applied to each stator winding during the
commutation sequence. As CT discharges, the oscillator sets
both latches, allowing conduction of the top and bottom
drive outputs. The PWM comparator resets the upper latch,
terminating the bottom drive output conduction when the
positive−going ramp of CT becomes greater than the error
amplifier output. The pulse width modulator timing diagram
is shown in Figure 21. Pulse width modulation for speed
control appears only at the bottom drive outputs.
Current Limit
Continuous operation of a motor that is severely
over−loaded results in overheating and eventual failure.
This destructive condition can best be prevented with the use
of cycle−by−cycle current limiting. That is, each on−cycle
is treated as a separate event. Cycle−by−cycle current
limiting is accomplished by monitoring the stator current
build−up each time an output switch conducts, and upon
sensing an over current condition, immediately turning off
the switch and holding it off for the remaining duration of
oscillator ramp−up period. The stator current is converted to
a voltage by inserting a ground−referenced sense resistor RS
(Figure 36) in series with the three bottom switch transistors
(Q4, Q5, Q6). The voltage developed across the sense
resistor is monitored by the Current Sense Input (Pins 9 and
15), and compared to the internal 100 mV reference. The
current sense comparator inputs have an input common
mode range of approximately 3.0 V. If the 100 mV current
sense threshold is exceeded, the comparator resets the lower
sense latch and terminates output switch conduction. The
value for the current sense resistor is:
R
S +
0.1
I
stator(max)
The Fault output activates during an over current condition.
The dual−latch PWM configuration ensures that only one
single output conduction pulse occurs during any given
oscillator cycle, whether terminated by the output of the
error amp or the current limit comparator.


유사한 부품 번호 - MC33035PG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33035PG ONSEMI-MC33035PG Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
More results

유사한 설명 - MC33035PG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com