전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C64BD 데이터시트(PDF) 7 Page - ACE Technology Co., LTD.

부품명 ACE24C64BD
상세설명  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64BD 데이터시트(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24C64BD Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ACE24C64BD
Two-wire Serial EEPROM
VER 1.1
7
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to
“1". There are three read operations: current address
read, random address read and sequential read.
Current Address Read:
The internal data word address counter maintains the last address accessed during the last read or
write operation, incremented by one. This address stays valid between operations as long as the chip
power is maintained. The address "roll over" during read is from the last byte of the last memory page to
the first byte of the first page. The address "roll over" during write is from the last byte of the current
page to the first byte of the same page.
Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by the
EEPROM, the current address data word is serially clocked out. The microcontroller does not respond
with an input "0" but does generate a following stop condition (see Figure 7).
Random Read:
A random read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current
address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a
“0” but does generate a following stop condition (see Figure 8).
Sequential Read:
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM
receives an acknowledge, it will continue to increment the data word address and serially clock out
sequential data words. When
the memory address limit is reached, the data word address will “roll
over” and the sequential read will continue. The sequential read operation is terminated when the
microcontroller does not respond with a
“0” but does generate a following stop condition (see Figure 9).
Figure 4: Device Address
Figure 5: Byte write


유사한 부품 번호 - ACE24C64BD

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C64 ACE-ACE24C64 Datasheet
285Kb / 16P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
663Kb / 17P
   Two-wire Serial EEPROM
VER 1.7
ACE24C64DM+T ACE-ACE24C64DM+T Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
ACE24C64DM+TH ACE-ACE24C64DM+TH Datasheet
663Kb / 17P
   Two-wire Serial EEPROM
VER 1.7
More results

유사한 설명 - ACE24C64BD

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com