전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE25QA160G 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE25QA160G
상세설명  16M BIT SPI NOR FLASH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA160G 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25QA160G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ACE25QA160G
16M BIT SPI NOR FLASH
VER 1.1
4
Block/Sector Architecture
Table 2. ACE25QA160G Block/Sector Addresses
Memory
Density
Block(64kbyte)
Block(32kbyte)
Sector No.
Sector
Size(KB)
Address range
16Mbit
Block 0
Half block 0
Sector 0
4
000000h-000FFFh
……
……
……
Sector 7
4
007000h-007FFFh
Half block 1
Sector 8
4
008000h-008FFFh
……
……
……
Sector 15
4
00F000h-00FFFFh
Block 1
Half block 2
Sector 16
4
010000h-010FFFh
……
……
……
Sector 23
4
017000h-017FFFh
Half block 3
Sector 24
4
018000h-018FFFh
……
……
……
Sector 31
4
01F000h-01FFFFh
……
……
……
……
……
Block 30
Half block 60
Sector 480
4
1E0000h-1E0FFFh
……
……
……
Sector 487
4
1E7000h-1E7FFFh
Half block 61
Sector 488
4
1E8000h-1E8FFFh
……
……
……
Sector 495
4
1EF000h-1EFFFFh
Block 31
Half block 62
Sector 496
4
1F0000h-1F0FFFh
……
……
……
Sector 503
4
1F7000h-1F7FFFh
Half block 63
Sector 504
4
1F8000h-1F8FFFh
……
……
……
Sector 511
4
1FF000h-1FFFFFh
Notes: 1. Block = Uniform Block, and the size is 64K bytes.
2. Half block = Half Uniform Block, and the size is 32k bytes.
3. Sector = Uniform Sector, and the size is 4K bytes.


유사한 부품 번호 - ACE25QA160G

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
More results

유사한 설명 - ACE25QA160G

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
   16M BIT SPI NOR FLASH
VER 1.2
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
   2M BIT SPI NOR FLASH
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com