전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE25QA160G 데이터시트(PDF) 7 Page - ACE Technology Co., LTD.

부품명 ACE25QA160G
상세설명  16M BIT SPI NOR FLASH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA160G 데이터시트(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25QA160G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ACE25QA160G
16M BIT SPI NOR FLASH
VER 1.1
7
SRP bits
The Status Register Protect (SRP) bit operates in conjunction with the Write Protect (WP#) signal. The
Status Register Write Protect (SRP) bit and Write Protect (WP#) signal set the device to the Hardware
Protected mode. When the Status Register Protect (SRP) bit is set to 1, and Write Protect (WP#) is driven
Low. In this mode, the non-volatile bits of the Status Register (SRP, BP2, BP1, and BP0) become read-only
bits and the Write Status Register (WRSR) instruction is not execution. The default value of SRP is 0.
Write Protect Features
(A)
Software Protection: The Block Protect (BP2, BP1, and BP0) bits define the section of the memory
array that can be read but not change.
(B)
Hardware Protection: /WP going low to protected the BP0~BP2 bits and SRP bits.
(C)
Deep Power-Down: In Deep Power-Down Mode, all instructions are ignored except the Release from
deep Power-Down Mode instruction.
(D)
Write Enable: The Write Enable Latch (WEL) bit must be set prior to every Page Program, Sector
Erase, and Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers
instruction.
Status Register Memory Protection
Protect Table
Table 4. ACE25QA160G Status Register Memory Protection
Status Register Content
Memory Content
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
0
0
NONE
NONE
NONE
NONE
0
0
1
Sector 0 to 509
000000H-1FDFFFH
2040KB
Lower 510/512
0
1
0
Sector 0 to 507
000000H-1FBFFFH
2032KB
Lower 508/512
0
1
1
Sector 0 to 503
000000H-1F7FFFH
2016KB
Lower 504/512
1
0
0
Sector 0 to 495
000000H-1EFFFFH
1984KB
Lower 496/512
1
0
1
Sector 0 to 479
000000H-1DFFFFH
1920KB
Lower 480/512
1
1
0
Sector 0 to 447
000000H-1BFFFFH
1792KB
Lower 448/512
1
1
1
ALL
000000H-1FFFFFH
2048KB
ALL


유사한 부품 번호 - ACE25QA160G

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
More results

유사한 설명 - ACE25QA160G

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
   16M BIT SPI NOR FLASH
VER 1.2
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
   2M BIT SPI NOR FLASH
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com