전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3159 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 2SK3159
상세설명  150V - 50A - MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159 데이터시트(HTML) 2 Page - Renesas Technology Corp

  2SK3159_16 Datasheet HTML 1Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 2Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 3Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 4Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 5Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 6Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 7Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK3159
R07DS1357EJ0500 Rev.5.00
Page 2 of 7
Aug 02, 2016
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
150
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
20
V
IG =
100 A, VDS = 0
Gate to source leak current
IGSS
10
A
VGS =
16 V, VDS = 0
Zero gate voltage drain current
IDSS
10
A
VDS = 150 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
ID = 1 mA, VDS = 10 V
Static drain to source on state
resistance
RDS(on)
23
30
m
ID = 25 A, VGS = 10 VNote4
RDS(on)
28
42
m
ID = 25 A, VGS = 4 V Note4
Forward transfer admittance
|yfs|
30
50
S
ID = 25 A, VDS = 10 V Note4
Input capacitance
Ciss
4000
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Output capacitance
Coss
1650
pF
Reverse transfer capacitance
Crss
590
pF
Turn-on delay time
td(on)
30
ns
ID = 25 A, VGS = 10 V,
RL = 1.2
Rise time
tr
280
ns
Turn-off delay time
td(off)
830
ns
Fall time
tf
450
ns
Body–drain diode forward voltage
VDF
0.95
V
IF = 50 A, VGS = 0
Body–drain diode reverse recovery
time
trr
200
ns
IF = 50 A, VGS = 0
diF/ dt = 50 A/
s
Note:
4. Pulse test


유사한 부품 번호 - 2SK3159_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_15 Datasheet
112Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK3159_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RJK1575DPA RENESAS-RJK1575DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1575DPA RENESAS-RJK1575DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com