전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3434DV 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI3434DV
상세설명  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3434DV 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI3434DV Datasheet HTML 1Page - Vishay Siliconix SI3434DV Datasheet HTML 2Page - Vishay Siliconix SI3434DV Datasheet HTML 3Page - Vishay Siliconix SI3434DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si3434DV
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71610
S-03617—Rev. A, 17-Apr-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
VDS = 24 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 70_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
30
A
a
VGS = 4.5 V, ID = 6.1 A
0.028
0.034
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 2 A
0.042
0.050
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 6.1 A
20
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
8
12
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 6.1 A
1.9
nC
Gate-Drain Charge
Qgd
2.6
Turn-On Delay Time
td(on)
21
40
Rise Time
tr
VDD = 15 V, RL = 15 W
45
90
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
40
80
ns
Fall Time
tf
30
60
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
01234
0
6
12
18
24
30
0
1234
5
VGS = 10 thru 3.5 V
TC = –55_C
125
_C
1.5 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
3 V
2 V
2.5 V


유사한 부품 번호 - SI3434DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3434DV VISHAY-SI3434DV Datasheet
185Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-May-09
SI3434DV-T1 VISHAY-SI3434DV-T1 Datasheet
185Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-May-09
logo
VBsemi Electronics Co.,...
SI3434DV-T1-GE3 VBSEMI-SI3434DV-T1-GE3 Datasheet
1,005Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI3434DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com