전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1339 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE1339
상세설명  Integrated Circuit Module, Hybrid, Dual Driver for 80W to 90W Audio Power Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1339 데이터시트(HTML) 1 Page - NTE Electronics

  NTE1339 Datasheet HTML 1Page - NTE Electronics NTE1339 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1339
Integrated Circuit
Module, Hybrid, Dual Driver for
80W to 90W Audio Power Amp
Features:
D Current Mirror Circuit Providing Low Distortion
D 2 Channel Package
D Dual Power Supply Operation
D Small Sized Package
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
±65V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature, TC
115
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, Tstg
–30
° to +115°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Characteristics: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
±47V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VG = 40dB unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICC
VCC = ±56V
20
30
mA
Midpoint Voltage
VN
VCC = ±56V
–50
+50
mA
Output Noise Voltage
VNO
VCC = ±56V, Rg = 10kΩ
1.0
mV
Input Resistance
ri
VCC = ±56V, f = 1kHZ, VO = 2.83V
92
k
Total Harmonic Distortion
THD
VCC = ±47V, f = 20kHZ, VO = 25.3V
0.005
%


유사한 부품 번호 - NTE1339

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1331 NTE-NTE1331 Datasheet
20Kb / 2P
   Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
NTE1333 NTE-NTE1333 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
More results

유사한 설명 - NTE1339

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1338 NTE-NTE1338 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
NTE1218 NTE-NTE1218 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 7W/Ch
NTE1343 NTE-NTE1343 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 10W/Ch
NTE1359 NTE-NTE1359 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 22W/Ch
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE1879 NTE-NTE1879 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE1323 NTE-NTE1323 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 15 Watt
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com