전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

749196218 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 749196218
상세설명  WE-FLEX HV Flexible Transformer for DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196218 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196218 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196218 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196218 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196218 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196218 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
16,3 max.
2,5 ±0,2
0,70 ±0,1
1
6
12
7
Scale - 1,5:1
Pin 1
Marking
749196218
Marking - Date Code
YYWW
Product Marking:
Recommended Land Pattern: [mm]
2,50
1,75
1
6
12
7
Scale - 1,5:1
Schematic:
1
12
4
9
2
11
5
8
3
10
6
7
N1
N4
N2
N5
N3
N6
Properties
Test conditions
Value
Unit
Tol.
Inductance Base
100 kHz/ 100 mV
LBASE
21.6
µH
±20%
Turns Ratio
n
1:1:1:1:1:1
Voltage-µSecond Base
∫Udt Base
63.4
µVs
max.
Rated Current Base
ΔT = 40 K
IR BASE
0.8
A
typ.
Saturation Current Base
|ΔL/L| < 10 %
ISAT BASE
0.48
A
typ.
DC Resistance Base
@ 20 °C
RDC BASE
200
max.
Leakage Inductance Base
100 kHz/ 1 V
LS BASE
0.17
µH
typ.
Insulation Test Voltage
all windings
UT
1500
V (AC)
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-40 °C up to +85 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
TBr
DIN ISO 2768-1m
DESCRIPTION
WE-FLEX HV Flexible Transformer
for DC/DC Converter
ORDER CODE
749196218
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
ER14.5/6
001.000
Valid
2017-01-05
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 749196218

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
749196211 WURTH-749196211 Datasheet
158Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
More results

유사한 설명 - 749196218

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
749196507 WURTH-749196507 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196138 WURTH-749196138 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196248 WURTH-749196248 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196547 WURTH-749196547 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196548 WURTH-749196548 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196128 WURTH-749196128 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196208 WURTH-749196208 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196538 WURTH-749196538 Datasheet
480Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196228 WURTH-749196228 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196328 WURTH-749196328 Datasheet
476Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196338 WURTH-749196338 Datasheet
476Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com