전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1300VUA 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC1300VUA
상세설명  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300VUA 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC1300VUA Datasheet HTML 5Page - Microchip Technology TC1300VUA Datasheet HTML 6Page - Microchip Technology TC1300VUA Datasheet HTML 7Page - Microchip Technology TC1300VUA Datasheet HTML 8Page - Microchip Technology TC1300VUA Datasheet HTML 9Page - Microchip Technology TC1300VUA Datasheet HTML 10Page - Microchip Technology TC1300VUA Datasheet HTML 11Page - Microchip Technology TC1300VUA Datasheet HTML 12Page - Microchip Technology TC1300VUA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002 Microchip Technology Inc.
DS21385C-page 9
TC1300
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the regula-
tor off when the die temperature exceeds 150°C. The
regulator remains off until the die temperature drops to
approximately 140°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is prima-
rily a function of input and output voltage, and output
current. The following equation is used to calculate
worst case actual power dissipation:
EQUATION
The maximum allowable power dissipation, PDMAX, is a
function of the maximum ambient temperature (TAMAX),
the maximum recommended die temperature (125°C)
and the thermal resistance from junction-to-air (
θJA).
The MSOP-8 package has a
θJA of approximately
200°C/Watt when mounted on a FR4 dielectric copper
clad PC board.
EQUATION
The worst case actual power dissipation equation can
be used in conjunction with the LDO maximum allow-
able power dissipation equation to ensure regulator
thermal operation is within limits. For example:
Find:
EQUATION:
ACTUAL POWER
DISSIPATION
EQUATION:
MAXIMUM ALLOWABLE
POWER DISSIPATION
In this example, the TC1300 dissipates a maximum of
only 220 mW; below the allowable limit of 350 mW. In a
similar manner, the maximum actual power dissipation
equation and the maximum allowable power dissipa-
tion equation can be used to calculate maximum cur-
rent and/or input voltage limits. For example, the
maximum allowable VIN is found by substituting the
maximum allowable power dissipation of 350 mW into
the actual power dissipation equation, from which
VINMAX = 4.97V.
4.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads and wide power
supply bus lines combine to lower
θJA and, therefore,
increase the maximum allowable power dissipation
limit.
PD
VINMAX VOUTMIN
()ILOADMAX
Where:
PD = worst case actual power dissipation
VINMAX = maximum voltage on VIN
VOUTMIN = minimum regulator output voltage
ILOADMAX = maximum output (load) current
PDMAX
TJMAX TAMAX
()
θJA
--------------------------------------------
=
Given:
VINMAX
=4.1V
VOUTMIN
= 3.0V -2.5%
ILOADMAX =200 mA
TJMAX
= 125°C
TAMAX
=55°C
θJA
= 200°C/W
PD
VINMAX VOUTMIN
()ILOADMAX
4.1
()
3.0 .975
×
()
[]
=
200 10
3
×
220 mW
=
PDMAX
TJMAX TAMAX
()
θJA
--------------------------------------------
=
125 55
()
200
-------------------------
=
350 mW
=


유사한 부품 번호 - TC1300VUA

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results

유사한 설명 - TC1300VUA

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
Microchip Technology
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16