전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE1370 데이터시트(Datasheet) 2 Page - NTE Electronics

부품명 NTE1370
상세내용  Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 2 page
background image
Electrical Characteristics (Cont’d): (VCC = 12.5V, RL = 4Ω, Rg = 600Ω, Rf = 8Ω, f = 1kHz,
TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Output Power
POM
VCC = 13.2V
9.5
W
Total Harmonic Distortion
THD
POUT = 1W
0.15
1.0
%
POUT = 100mW
0.2
1.0
POUT = 1W, RL = 2Ω
0.25
1.0
Voltage Gain
GV
VIN = 2.45mVrms
52
55
58
dB
Input Resistance
RIN
VOUT = 2Vrms
30
40
k
Output Noise Voltage
VNO
Rg = 10kΩ, BW = 50 ∼ 20kHz
3.5
mV
Pin Connection Diagram
VCC
Bootstrap
GND
Output
Input
Phase Compensation
10
9
8
7 Noise Filter
6
5
4
3 Decoupling
2
1
Phase Compensation
Phase Compensation
(Front View)
110
1.050 (26.67) Max
.867 (22.0)
.900 (22.8)
.128 (3.2) Dia
.100 (2.54)
.217 (5.5)
.079
(2.0)
.276
(7.0)
.433
(11.0)




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
NTE1155Integrated Circuit Audio Power Amplifier 5.8W 1 2 NTE Electronics
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1285Integrated Circuit Audio Power Amplifier 5.8W 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl