전자부품 데이터시트 검색엔진 |
|
BC68F2123 데이터시트(PDF) 6 Page - Holtek Semiconductor Inc |
|
BC68F2123 데이터시트(HTML) 6 Page - Holtek Semiconductor Inc |
6 / 117 page Rev. 1.00 6 �an�a�� 11� �01� Rev. 1.00 � �an�a�� 11� �01� BC68F2123 Sub-1GHz OOK/FSK TX Soc 1K Flash MCU BC68F2123 Sub-1GHz OOK/FSK TX Soc 1K Flash MCU General Description TheBC68F2123isanOOK/FSKtransmitterMCUforremotewirelessapplicationsinthe315MHz, 433MHz,868MHzand915MHzfrequencybands. TheMCUisaFlashmemorytype8-bithighperformanceRISCarchitecturemicrocontrollerand offersuserstheconvenienceofFlashmemorymulti-programmingfeatures.Itincludesanareaof RAMDataMemoryaswellasanareaoftrueEEPROMmemoryforstorageofnon-volatiledata suchasserialnumbers,calibrationdataetc.Thedeviceincludesmultipleandextremelyflexible TimerModules,internaloscillators,TimeBasefunctions,lowvoltagereset,lowvoltagedetection andWatchdogTimerfunctions. ThehighlyintegratedOOK/FSKtransmittercanbeusedforremotewirelessapplicationsinthe 315MHz,433MHz,868MHzand915MHzfrequencybands.Thetransmitterisatrue"data-in, antenna-out"monolithicdevicemakingitveryeasyforuserstoimplementwirelesssystems. TheinclusionofflexibleI/OprogrammingfeaturesalongwithmanyotherfeaturesoftheMCU, ensurethatthedeviceonlyrequiresasimpleperipheralforuseinconsumer,industrialautomation andhigh-performanceunidirectionalwirelesslinkapplications. Block Diagram Thefollowingblockdiagramillustratesthestructureofthedevice. RF Part HOLTEK MCU PA0 PA1 PA2 PA5 PA6 PA7 PB0 PB1 PB5 VDD VSS RFOUT DVDDRF VDDRF PB2 PB3 PLK DIN VSSRF_PA XOIN EP Device Connection Diagram |
유사한 부품 번호 - BC68F2123 |
|
유사한 설명 - BC68F2123 |