전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE1375 데이터시트(Datasheet) 1 Page - NTE Electronics

부품명 NTE1375
상세내용  Integrated Circuit Audio Power Amp for Car Radio, 5.8W
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE1375
Integrated Circuit
Audio Power Amp for Car Radio, 5.8W
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VC Peak
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
6.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 13.2V, RL = 4Ω, f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
Iq
VIN = 0
35
80
mA
Voltage Gain
GVE
RNF = 68Ω
52
55
58
dB
Output Power
POUT
THD = 10%
5.0
5.8
W
Total Harmonic Distortion
THD
POUT = 0.5W
003
1.5
%
Input Noise Voltage
VNO
Rg = 10k
1.0
mV
Input Resistance
Rin
f = 1kHz
180
k
Ripple Rejection
RR
fRR = 100Hz, –10dB
40
dB




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1338Integrated Circuit Module Hybrid Dual Driver for 40W to 50W Audio Power Amp 1 2 NTE Electronics
NTE1339Integrated Circuit Module Hybrid Dual Driver for 80W to 90W Audio Power Amp 1 2 NTE Electronics
NTE1293Integrated Circuit Dual Audio Power Amp 5.8W/Ch 1 2 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl