전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064KB-C 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 PLQP0064KB-C
상세설명  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064KB-C 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button PLQP0064KB-C Datasheet HTML 4Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 5Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 6Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 7Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 8Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 9Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 10Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 11Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 8 of 98
Jan 13, 2016
RX23T Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
12-bit A/D converter × 10 channels
MTU3c × 6ch
CMT × 2 channels (unit 0)
POE3b
TMR × 2 channels (unit 0)
TMR × 2 channels (unit 1)
CMT × 2 channels (unit 1)
RIICa × 1ch
RSPIa × 1ch
SCIg × 2ch
CRC
IWDTa
Clock
generation
circuit
RX CPU
RAM
ROM
DOC
DTCa
ICUb
CAC
Comparator C × 3 channels
MPU
Port D
Port E
Port A
Port B
Port 9
Port 7
Port 0
Port 1
Port 3
Port 4
Port 2
ICUb:
Interrupt controller
DTCa:
Data transfer controller
IWDTa:
Independent watchdog timer
CRC:
CRC (cyclic redundancy check) calculator
SCIg:
Serial communications interface
RSPIa:
Serial peripheral interface
RIICa
I2C bus interface
MTU3c
Multi-function timer pulse unit 3
POE3b
Port output enable 3
CMT
Compare match timer
DOC
Data operation circuit
CAC
Clock frequency accuracy measurement circuit
MPU
Memory protection unit
TMR
8-bit timer


유사한 부품 번호 - PLQP0064KB-C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
More results

유사한 설명 - PLQP0064KB-C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com