전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064KB-C 데이터시트(PDF) 89 Page - Renesas Technology Corp

부품명 PLQP0064KB-C
상세설명  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064KB-C 데이터시트(HTML) 89 Page - Renesas Technology Corp

Back Button PLQP0064KB-C Datasheet HTML 85Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 86Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 87Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 88Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 89Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 90Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 91Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 92Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 89 of 98
Jan 13, 2016
RX23T Group
5. Electrical Characteristics
Figure 5.56
Connecting Capacitors (64 Pins)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
54
55
51
49
50
52
53
56
57
58
59
60
61
63
64
62
RX23T Group
PLQP0064KB-C
(64-pin LQFP)
(Top view)
VSS
VCC
External
capacitor for
power supply
stabilization
4.7 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Note 1. Do not apply the power supply voltage to the VCL pin .
Note 2. Use a 4.7-µF multilayer ceramic for the VCL pin and place it close to the pin .
A recommended value is shown for the capacitance of the bypass capacitors .


유사한 부품 번호 - PLQP0064KB-C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
More results

유사한 설명 - PLQP0064KB-C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com