전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX111 데이터시트(PDF) 66 Page - Renesas Technology Corp

부품명 RX111
상세설명  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 데이터시트(HTML) 66 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 62Page - Renesas Technology Corp RX111_16 Datasheet HTML 63Page - Renesas Technology Corp RX111_16 Datasheet HTML 64Page - Renesas Technology Corp RX111_16 Datasheet HTML 65Page - Renesas Technology Corp RX111_16 Datasheet HTML 66Page - Renesas Technology Corp RX111_16 Datasheet HTML 67Page - Renesas Technology Corp RX111_16 Datasheet HTML 68Page - Renesas Technology Corp RX111_16 Datasheet HTML 69Page - Renesas Technology Corp RX111_16 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 66 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 5.17
Permissible Output Currents (1)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +85°C (D version)
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOL
0.4
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
0.4
Ports other than above
8.0
Permissible output low current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOL
2.4
Total of ports P03, P05, ports P26, P27, ports P30, P31
30
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
30
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
30
Total of all output pins
60
Permissible output high current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.1
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
–0.1
Ports other than above
–4.0
Permissible output high current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.6
Total of ports P03, P05, ports P26, P27, ports P30, P31
–10
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
–15
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
–15
Total of all output pins
–40


유사한 부품 번호 - RX111_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

유사한 설명 - RX111_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com