전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX111 데이터시트(PDF) 30 Page - Renesas Technology Corp

부품명 RX111
상세설명  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 데이터시트(HTML) 30 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 26Page - Renesas Technology Corp RX111_16 Datasheet HTML 27Page - Renesas Technology Corp RX111_16 Datasheet HTML 28Page - Renesas Technology Corp RX111_16 Datasheet HTML 29Page - Renesas Technology Corp RX111_16 Datasheet HTML 30Page - Renesas Technology Corp RX111_16 Datasheet HTML 31Page - Renesas Technology Corp RX111_16 Datasheet HTML 32Page - Renesas Technology Corp RX111_16 Datasheet HTML 33Page - Renesas Technology Corp RX111_16 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 30 of 127
May 31, 2016
RX111 Group
3. Address Space
Figure 3.1
Memory Map
Reserved area*
3
Reserved area*
3
Reserved area*
3
On-chip ROM (E2 DataFlash)
(8 KB)
Reserved area*
3
Single-chip mode*
1
RAM*
2
On-chip ROM (program ROM)*
2
Peripheral I/O registers
Peripheral I/O registers
Peripheral I/O registers
0000 0000h
0001 0000h
0008 0000h
0010 0000h
0010 2000h
007F C000h
007F C500h
007F FC00h
0080 0000h
FFF8 0000h
FFFF FFFFh
Note 1.
The address space in boot mode is the same as the address space in single-chip mode.
Note 2.
The capacity of ROM/RAM differs depending on the products.
Note:See Table 1.3, List of Products, for the product type name.
Note 3. Reserved areas should not be accessed.
ROM (bytes)
RAM (bytes)
Capacity
Address
Capacity
Address
512 K
FFF8 0000h to FFFF FFFFh
64 K
0000 0000h to 0000 FFFFh
384 K
FFFA 0000h to FFFF FFFFh
256 K
FFFC 0000h to FFFF FFFFh
32 K
0000 0000h to 0000 7FFFh
128 K
FFFE 0000h to FFFF FFFFh
96 K
FFFE 8000h to FFFF FFFFh
16 K
0000 0000h to 0000 3FFFh
64 K
FFFF 0000h to FFFF FFFFh
32 K
FFFF 8000h to FFFF FFFFh
10 K
0000 0000h to 0000 27FFh
16 K
FFFF C000h to FFFF FFFFh
8 K
0000 0000h to 0000 1FFFh


유사한 부품 번호 - RX111_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

유사한 설명 - RX111_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com